Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-636P8 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # MGA-636P8
Description  High Linearity Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-636P8 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button MGA-636P8 Datasheet HTML 5Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 6Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 7Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 8Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 9Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 10Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 11Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 12Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Figure 21. Input Return Loss, Output Return Loss, Gain, Reverse Isolation vs
Frequency
Figure 22. k-factor vs Frequency vs Temperature
Figure 23. Idd vs Rb
Figure 24. Idd vs VPwrDwn
0
20
40
60
80
100
120
0.0
1.0
2.0
3.0
4.0
VPwrDwn (V)
85° C
25° C
-40° C
0
2
4
6
8
10
12
14
16
18
20
0.5
1.0
1.5
2.0
2.5
0.0
3.0
Frequency (GHz)
0
1
2
3
4
5
6
-30
-25
-20
-15
-10
-5
0
5
10
15
20
-35
25
Frequency (GHz)
100° C
85° C
25° C
-40° C
0
20
40
60
80
100
120
Rb (ohm)


Similar Part No. - MGA-636P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8 Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8-BLKG AVAGO-MGA-636P8-BLKG Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8-TR1G AVAGO-MGA-636P8-TR1G Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
More results

Similar Description - MGA-636P8

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
   Low-Noise High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
   Low noise high linearity amplifier
Rev. 7-17 July 2017
BGU8061 NXP-BGU8061 Datasheet
491Kb / 17P
   low-noise high-linearity amplifier
Rev. 2-27 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com