Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1617AB15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1617AB15
Description  15 Watts PEP, 26 Volts, Class AB Linear 1600 - 1700 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1617AB15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1617AB15 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
1617AB15
15 Watts PEP, 26 Volts, Class AB
Linear 1600 - 1700 MHz
GENERAL DESCRIPTION
The 1617AB15 is a COMMON EMITTER transistor capable of providing
15 Watts PEP of Class AB, RF output power over the band 1600 - 1700 MHz.
This transistor is specifically designed for SATCOM BASE STATION
amplifier applications. It includes Input prematching and utilizes Gold
metalization and HIGH VALUE EMITTER ballasting to provide high
reliability and supreme ruggedness.
CASE OUTLINE
55CW
COMMON EMITTER
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
58 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
60 Volts
LVceo
Collector to Emitter Voltage
27 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
6.0 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 150 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
P-1dB
Pg
IMD
3
VSWR
Power Out 1 dB comp pt.
Power Gain
Intermod. distortion -3rd
Load Mismatch Tolerance
F =1700 MHz
Icq = 100 mAmpsVcc= 26V
15 W PEP, Two Tone
15
10.0
12
-32
6:1
Watt
dB
dBc
BVces
LVceo
BVebo
Ices
h
FE
Cob
θjc
Collector to Emitter Breakdown
Collector to EmitterBreakdown
Emitter to Base Breakdown
Collector Leakage Current
DC - Current Gain
Output Capacitance
Thermal Resistance
Ic = 50 mA
Ic = 50 mA
Ie = 10 mA
Vce = 26 Volts
Vce = 5 V, Ic =0.5 A
F =1 MHz, Vcb = 28 V
Tc = 25 C
o
60
27
3.5
20
20
10
100
3.0
Volts
Volts
Volts
mA
pF
C/W
o
Issue February 1996


Similar Part No. - 1617AB15

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1617A BELDEN-1617A Datasheet
143Kb / 3P
   Broadband Coax, Series 11, 14 AWG Solid BCCS, Quad Shield, PVC Jkt, CM
04-14-2023
1617A-0101000 BELDEN-1617A-0101000 Datasheet
143Kb / 3P
   Broadband Coax, Series 11, 14 AWG Solid BCCS, Quad Shield, PVC Jkt, CM
04-14-2023
1617AP BELDEN-1617AP Datasheet
142Kb / 2P
   Broadband Coax, Series 11, 14 AWG Solid BCCS, Quad Shield, PVDF Jkt,CMP
11-27-2023
1617AP-0101000 BELDEN-1617AP-0101000 Datasheet
142Kb / 2P
   Broadband Coax, Series 11, 14 AWG Solid BCCS, Quad Shield, PVDF Jkt,CMP
11-27-2023
More results

Similar Description - 1617AB15

ManufacturerPart #DatasheetDescription
logo
GHz Technology
80143 GHZTECH-80143 Datasheet
226Kb / 4P
   1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
23A003 GHZTECH-23A003 Datasheet
29Kb / 1P
   0.3 Watts, 15 Volts, Class A Linear to 2300 MHz
0105-100 GHZTECH-0105-100 Datasheet
285Kb / 2P
   100 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
0510-50A GHZTECH-0510-50A Datasheet
290Kb / 2P
   50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz
VAM40 GHZTECH-VAM40 Datasheet
286Kb / 3P
   40 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VAM120 GHZTECH-VAM120 Datasheet
262Kb / 2P
   120 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
logo
Microsemi Corporation
UMIL60 MICROSEMI-UMIL60 Datasheet
276Kb / 2P
   60 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
logo
Advanced Power Technolo...
UMIL25 ADPOW-UMIL25 Datasheet
536Kb / 4P
   25 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
logo
List of Unclassifed Man...
S175-50 ETC-S175-50 Datasheet
397Kb / 3P
    175 Watts, 50 Volts, Class AB Milcom 1.5 - 30 MHz
logo
GHz Technology
UMIL80 GHZTECH-UMIL80 Datasheet
138Kb / 2P
   80 Watts, 28 Volts, Class AB Defcom 200 - 500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com