Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UE0201FCR-0715V Datasheet(PDF) 6 Page - YAGEO Corporation

Part # UE0201FCR-0715V
Description  ULTRA LOW CAPACITANCE PROTECTION DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

UE0201FCR-0715V Datasheet(HTML) 6 Page - YAGEO Corporation

  UE0201FCR-0715V Datasheet HTML 1Page - YAGEO Corporation UE0201FCR-0715V Datasheet HTML 2Page - YAGEO Corporation UE0201FCR-0715V Datasheet HTML 3Page - YAGEO Corporation UE0201FCR-0715V Datasheet HTML 4Page - YAGEO Corporation UE0201FCR-0715V Datasheet HTML 5Page - YAGEO Corporation UE0201FCR-0715V Datasheet HTML 6Page - YAGEO Corporation UE0201FCR-0715V Datasheet HTML 7Page - YAGEO Corporation UE0201FCR-0715V Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Chip Resistor Surface Mount
Product specification
6
8
SERIES
0201
UE
www.yageo.com
Nov. 28, 2014 V.0
Dimension
A0
B0
D
P0
P1
P2
E
F
W
Typical (mm)
0.35
0.65
1.50
4.00
2.00
2.00
1.75
3.50
8.00
PACKAGE INFORMATION
Fig. 8


Similar Part No. - UE0201FCR-0715V

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
UE0402ECR-0715VL YAGEO-UE0402ECR-0715VL Datasheet
505Kb / 3P
   ULTRA LOW CAPACITANCE PROTECTION DEVICE
UE0402ECR-7D15VL YAGEO-UE0402ECR-7D15VL Datasheet
505Kb / 3P
   ULTRA LOW CAPACITANCE PROTECTION DEVICE
logo
Shanghai Leiditech Elec...
UE05DRF-B LEIDITECH-UE05DRF-B Datasheet
2Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
More results

Similar Description - UE0201FCR-0715V

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
UE0402ECR-0715VL YAGEO-UE0402ECR-0715VL Datasheet
505Kb / 3P
   ULTRA LOW CAPACITANCE PROTECTION DEVICE
logo
Chip Integration Techno...
T0504SP CITC-T0504SP Datasheet
544Kb / 8P
   Ultra-Low Capacitance ESD Protection Device
T0524SP CITC-T0524SP Datasheet
547Kb / 8P
   Ultra-Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0514TL LUGUANG-LGLT0514TL Datasheet
1Mb / 8P
   Ultra-Low Capacitance ESD Protection Device
LGLT0516ST LUGUANG-LGLT0516ST Datasheet
1Mb / 6P
   Ultra-Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0502SK CITC-T0502SK Datasheet
746Kb / 6P
   Ultra-Low Capacitance ESD Protection Device
T0514TP CITC-T0514TP Datasheet
799Kb / 9P
   Ultra-Low Capacitance ESD Protection Device
T0516ST CITC-T0516ST Datasheet
544Kb / 7P
   Ultra-Low Capacitance ESD Protection Device
T0521SB CITC-T0521SB Datasheet
557Kb / 6P
   Ultra-Low Capacitance ESD Protection Device
T0501SA CITC-T0501SA Datasheet
928Kb / 7P
   Ultra-Low Capacitance ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com