Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79600A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 79600A
Description  Three-Terminal Low Current Negative Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

79600A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  79600A Datasheet HTML 1Page - List of Unclassifed Manufacturers 79600A Datasheet HTML 2Page - List of Unclassifed Manufacturers 79600A Datasheet HTML 3Page - List of Unclassifed Manufacturers 79600A Datasheet HTML 4Page - List of Unclassifed Manufacturers 79600A Datasheet HTML 5Page - List of Unclassifed Manufacturers 79600A Datasheet HTML 6Page - List of Unclassifed Manufacturers 79600A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
79L00AC Series
Ph./Fax: +7–816–2231736
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
E-mail: planeta@novgorod.net
http://www.novgorod.net/~planeta
© August 2001 Rev 1
4
79L08AC ELECTRICAL CHARACTERISTICS
(V
I = -14 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
V
O
-7.7
-8.0
-8.3
V
Output Voltage,
-10.5V < V
I < -23.0V, 1mA < IO <
40mA
V
O
-7.6
-8.4
V
Line Regulation,
-10.5V < V
I < -23.0V
Reg
line
175
mV
Load Regulation,
1mA < I
O < 100mA
1mA < I
O <
40mA
Reg
load
80
40
mV
Input Bias Current
I
IB
6
mA
Input Bias Current,
-11.0V < V
I < -23.0V, 1mA < IO <
40mA
∆∆I
IB
1.5
mA
Ripple Rejection,
-13.0V < V
I < -23.0V, IO=40mA, f=120Hz
RR
37
dB
Dropout Voltage
V
I – VO
1.7
V
79L09AC ELECTRICAL CHARACTERISTICS
(V
I = -16 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
V
O
-8.6
-9.0
-9.4
V
Output Voltage,
-12.0V < V
I < -24.0V, 1mA < IO <
40mA
V
O
-8.55
-9.45
V
Line Regulation,
-12.0V < V
I < -24.0V
Reg
line
175
mV
Load Regulation,
1mA < I
O < 100mA
1mA < I
O <
40mA
Reg
load
90
40
mV
Input Bias Current
I
IB
6
mA
Input Bias Current,
-13.0V < V
I < -24.0V, 1mA < IO <
40mA
∆∆I
IB
1.5
mA
Ripple Rejection,
-15.0V < V
I < -25.0V, IO=40mA, f=120Hz
RR
37
dB
Dropout Voltage
V
I – VO
1.7
V


Similar Part No. - 79600A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
79600 AMPHENOL-79600 Datasheet
84Kb / 1P
   TNC Jacks
More results

Similar Description - 79600A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
Motorola, Inc
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com