Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2AF105A300Y2DTP Datasheet(PDF) 1 Page - AVX Corporation

Part # V2AF105A300Y2DTP
Description  TransFeed Automotive Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

V2AF105A300Y2DTP Datasheet(HTML) 1 Page - AVX Corporation

  V2AF105A300Y2DTP Datasheet HTML 1Page - AVX Corporation V2AF105A300Y2DTP Datasheet HTML 2Page - AVX Corporation V2AF105A300Y2DTP Datasheet HTML 3Page - AVX Corporation V2AF105A300Y2DTP Datasheet HTML 4Page - AVX Corporation V2AF105A300Y2DTP Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
90
080216
TransFeed Automotive Series
AVX Multilayer Ceramic Transient Voltage Suppressors
TVS Protection and EMI Attenuation in a Single Chip
GENERAL DESCRIPTION
AVX has combined the best electrical characteristics of its
TransGuard® Transient Voltage Suppressors (TVS) and its
Feedthru Capacitors into a single chip for state-of-the-art
overvoltage circuit protection and EMI reduction over a
broad range of frequencies. This unique combination of
multilayer ceramic construction in a feedthru configuration
gives the circuit designer a single 0805 chip that responds
to transient events faster than any TVS device on the mar-
ket today, and provides significant EMI attenuation when in
the off-state.
Automotive TransFeeds are designed for automotive appli-
cations and are AEC-Q 200 qualified.
The reduction in parallel inductance, typical of the feedthru
chip construction when compared to the construction of
standard TVS or ceramic capacitor chips, gives the
TransFeed product two very important electrical advan-
tages: (1) faster “turn-on” time. Calculated response times
of <200 pSec are not unusual with this device, and mea-
sured response times range from 200 – 250 pSec. The
TransFeed “turn-on” characteristic is less than half that of
an equivalent TransGuard® part — and TransGuards®
clamp transient voltages faster than any other bipolar TVS
solution such as diodes; (2) the second electrical advantage
of lower parallel inductance, coupled with optimal series
inductance, is the enhanced attenuation characteristics of
the TransFeed product. Not only is there significantly
greater attenuation at a higher self-resonance frequency,
but the roll-off characteristic becomes much flatter, result-
ing in EMI filtering over a much broader frequency spec-
trum. Typical applications include filtering/protection on
Microcontroller I/O Lines, Interface I/O Lines, Power Line
Conditioning and Power Regulation.
Schematic Diagram
Electrical Model
IN
OUT
IN
LS
LS
RV
C
RP
RON
LP
OUT
TYPICAL APPLICATIONS
• Drive by Wire
• Dimming Mirror Circuit
• Filtering/protection on Microcontroller I/O lines
• Filtering/protection on Interface I/O lines
• Power Line Conditioning
• Power Regulation
• LCD Dashboard driver
Where designers are concerned with both tran-
sient voltage protection and EMI attenuation,
either due to the electrical performance of their
circuits or due to required compliance to specif-
ic EMC regulations, the TransFeed product is an
ideal choice.
GENERAL
CHARACTERISTICS
• Operting Teperature: -55°C to +125°C
• Working Voltage: 5.6Vdc - 26Vdc
• Case Size: 0805
• Energy Rating: 0.05 - 0.3J
• Current: 20 - 120A
• Max Feedthru Current: 0.5 - 1A
FEATURES
• Bi-directional TVS
• Narrow band, high
attenuation filter
• EMI Filtering over broader
frequency range
• Fastest Response Time to
ESD Strikes
• AEC-Q 200 Qualified


Similar Part No. - V2AF105A300Y2DTP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V2AF OMRON-V2AF Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V2AF-00JP OMRON-V2AF-00JP Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V2AF-01 OMRON-V2AF-01 Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V2AF-01JP OMRON-V2AF-01JP Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V2AF-04 OMRON-V2AF-04 Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
More results

Similar Description - V2AF105A300Y2DTP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F105A150Y2EDP AVX-V2F105A150Y2EDP_17 Datasheet
395Kb / 7P
   TransFeed
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
logo
EPCOS
B72650M1140K072 EPCOS-B72650M1140K072 Datasheet
86Kb / 4P
   Monolithic; Automotive Series
logo
AVX Corporation
VCAS060316B400 AVX-VCAS060316B400 Datasheet
669Kb / 8P
   TransGuard Automotive Series
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
EPCOS
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
logo
Rohm
BR25H010-WC ROHM-BR25H010-WC_10 Datasheet
446Kb / 20P
   Automotive Series Serial EEPROMs
logo
Littelfuse
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
   MLA Automotive Varistor Series
logo
Rohm
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com