Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRD4153A Datasheet(PDF) 4 Page - Silicon Laboratories

Part # BRD4153A
Description  Integrated PCB antenna
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BRD4153A Datasheet(HTML) 4 Page - Silicon Laboratories

  BRD4153A Datasheet HTML 1Page - Silicon Laboratories BRD4153A Datasheet HTML 2Page - Silicon Laboratories BRD4153A Datasheet HTML 3Page - Silicon Laboratories BRD4153A Datasheet HTML 4Page - Silicon Laboratories BRD4153A Datasheet HTML 5Page - Silicon Laboratories BRD4153A Datasheet HTML 6Page - Silicon Laboratories BRD4153A Datasheet HTML 7Page - Silicon Laboratories BRD4153A Datasheet HTML 8Page - Silicon Laboratories BRD4153A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3. Radio Board Block Summary
3.1 Introduction
This section gives a short introduction to the blocks of the BRD4153A Radio Board.
3.2 Radio Board Block Diagram
The block diagram of the EFR32MG Radio Board is shown in the figure below.
Inverted-F
PCB
Antenna
2.4 GHz RF
UFL
Connector
LF
Crystal
32.768k
HF
Crystal
38.4M
Radio
Board
Connectors
8 Mbit
MX25R
Serial Flash
24AA0024
Serial EEPROM
Matching
Network &
Path
Selection
GPIO
UART
Debug
Packet Trace
AEM
I2C
SPI
2.4 GHz RF
EFR32
EFR32
Wireless SoC
Figure 3.1. BRD4153A Block Diagram
3.3 Radio Board Block Description
3.3.1 Wireless MCU
The BRD4153A EFR32 Mighty Gecko Radio Board incorporates an EFR32MG1P132F256GM48 Wireless System on Chip featuring
32-bit Cortex-M4 with FPU core, 256 kB of flash memory and 32 kB of RAM and a 2.4 GHz band transceiver with output power up to
16.5 dBm. For additional information on the EFR32MG1P132F256GM48, refer to the EFR32MG1 Data Sheet.
3.3.2 LF Crystal Oscillator (LFXO)
The BRD4153A Radio Board has a 32.768 kHz crystal mounted.
3.3.3 HF Crystal Oscillator (HFXO)
The BRD4153A Radio Board has a 38.4 MHz crystal mounted.
3.3.4 Matching Network for 2.4 GHz
The BRD4153A Radio Board incorporates a 2.4 GHz matching network which connects the 2.4 GHz TRX pin of the EFR32MG1 to the
one on-board printed Inverted-F antenna. The component values were optimized for the 2.4 GHz band RF performace and current con-
sumption with 13 dBm output power.
For detailed description of the matching network, see Chapter 4.2.1 Description of the 2.4 GHz RF Matching.
BRD4153A Reference Manual
Radio Board Block Summary
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.6 | 3


Similar Part No. - BRD4153A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BRD4151A SILABS-BRD4151A Datasheet
603Kb / 18P
   Integrated PCB antenna
More results

Similar Description - BRD4153A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BRD4151A SILABS-BRD4151A Datasheet
603Kb / 18P
   Integrated PCB antenna
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
   : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
Raltron Electronics Cor...
RPC-900-W5-GSM-L250 RALTRON-RPC-900-W5-GSM-L250 Datasheet
196Kb / 2P
   PCB ANTENNA
RPC-GSDE-P-4807-UFL-Y RALTRON-RPC-GSDE-P-4807-UFL-Y Datasheet
160Kb / 1P
   PCB ANTENNA
logo
Pulse A Technitrol Comp...
W3509 PULSE-W3509 Datasheet
567Kb / 6P
   Flex PCB antenna
W3919B0050 PULSE-W3919B0050 Datasheet
1,018Kb / 11P
   5GHZ PCB ANTENNA
logo
YAGEO Corporation
ANTX100P001B24553 YAGEO-ANTX100P001B24553 Datasheet
506Kb / 8P
   PCB type antenna
ANTX200P001B24003 YAGEO-ANTX200P001B24003 Datasheet
453Kb / 6P
   PCB type antenna
ANTX100P001BWPEN3 YAGEO-ANTX100P001BWPEN3 Datasheet
590Kb / 11P
   PCB type antenna
ANTX300P002B24553 YAGEO-ANTX300P002B24553 Datasheet
517Kb / 8P
   PCB type antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com