Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3123ITP-20-T1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AAT3123ITP-20-T1
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AAT3123ITP-20-T1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AAT3123ITP-20-T1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAT3123ITP-20-T1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAT3123ITP-20-T1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AAT3123ITP-20-T1 Datasheet HTML 9Page - List of Unclassifed Manufacturers AAT3123ITP-20-T1 Datasheet HTML 10Page - List of Unclassifed Manufacturers AAT3123ITP-20-T1 Datasheet HTML 11Page - List of Unclassifed Manufacturers AAT3123ITP-20-T1 Datasheet HTML 12Page - List of Unclassifed Manufacturers AAT3123ITP-20-T1 Datasheet HTML 13Page - List of Unclassifed Manufacturers AAT3123ITP-20-T1 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AAT3123/4
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
10
3123.2003.09.1.1
Power Efficiency and Device
Evaluation
The charge pump efficiency discussion in the fol-
lowing sections only account for the efficiency of
the charge pump section itself. Due to the unique
circuit architecture and design of the AAT3123/24,
it is very difficult to measure efficiency in terms of a
percent value comparing input power over output
power.
Since the AAT3123/24 outputs are pure constant
current sources and typically drive individual loads, it
is difficult to measure the output voltage for a given
output (D1 to D6) to derive an overall output power
measurement. For any given application, white LED
forward voltage levels can differ, yet the output drive
current will be maintained as a constant.
This makes quantifying output power a difficult task
when taken in the context of comparing to other white
LED driver circuit topologies. A better way to quantify
total device efficiency is to observe the total input
power to the device for a given LED current drive
level. The best White LED driver for a given applica-
tion should be based on trade-offs of size, external
component count, reliability, operating range and
total energy usage...Not just "% efficiency".
The AAT3123/24 efficiency may be quantified
under very specific conditions and is dependant
upon the input voltage versus the output voltage
seen across the loads applied to outputs D1
through D4 or D6 for a given constant current set-
ting. Depending upon the case of VIN being greater
than the specific voltage seen across the load on
D1 (or D5 when the AAT3124 is used) the device
will operate in "Load Switch" mode. If the voltage
seen on the constant current source output is less
than VIN then the device will operate in 1.5X charge
pump mode. Each of these two modes will yield
different efficiency values. One should refer to the
following two sections for explanations for each
operational mode.
Load Switch Mode Efficiency
The AAT3123/24 load switch mode is operational
at all times and functions alone to enhance device
power conversion efficiency when the condition
exists where VIN is greater then voltage across the
load connected to the constant current source out-
puts. When in "Load Switch" mode, the voltage
conversion efficiency is defined as output power
divided by input power:
η = POUT/PIN
The expression to define the ideal efficiency ( ) can
be rewritten as:
η = POUT/PIN = (VOUT x IOUT)/(VIN x IOUT) = VOUT/VIN
or
η(%) = 100(VOUT/VIN)
Charge Pump Section Efficiency
The AAT3123/24 contains a fractional charge pump
which will boost the input supply voltage in the
event where VIN is less then the voltage required
on the constant current source outputs. The effi-
ciency (
η) can be simply defined as a linear voltage
regulator with an effective output voltage that is
equal to one and a half times the input voltage.
Efficiency (
η) for an ideal 1.5x charge pump can
typically be expressed as the output power divided
by the input power.
η = POUT/PIN
In addition, with an ideal 1.5x charge pump, the
output current may be expressed as 2/3 of the
input current. The expression to define the ideal
efficiency (
η) can be rewritten as:
η = POUT/PIN = (VOUT x IOUT)/(VIN x 1.5IOUT) = VOUT/1.5VIN
η(%) = 100(VOUT/1.5VIN)
For a charge pump with an output of 5 volts and a
nominal input of 3.5 volts, the theoretical efficiency
is 95%. Due to internal switching losses and IC
quiescent current consumption, the actual efficien-
cy can be measured at 93%. These figures are in
close agreement for output load conditions from
1mA to 100mA.
Efficiency will decrease as load
current drops below 0.05mA or when level of VIN
approaches VOUT. Refer to the Typical Character-
istics section for measured plots of efficiency ver-
sus input voltage and output load current for the
given charge pump output voltage options.


Similar Part No. - AAT3123ITP-20-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3123ITP-20-T1 ANALOGICTECH-AAT3123ITP-20-T1 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123ITP-20-T1 ANALOGICTECH-AAT3123ITP-20-T1 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3123ITP-20-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3134 ETC-AAT3134 Datasheet
330Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123_08 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131_08 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com