Electronic Components Datasheet Search |
|
BRD4505B Datasheet(PDF) 1 Page - Silicon Laboratories |
|
BRD4505B Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 16 page Reference Manual BRD4505B (Rev. A00) The EZR32WG family of Wireless MCUs deliver a high performance, low energy wireless solution in- tegrated into a small form factor package. By combining a high performance sub-GHz RF transceiver with an energy efficient 32-bit MCU, the family provides designers the ultimate in flexibility with a fam- ily of pin-compatible devices that scale from 64/128/256 kB of flash and support Silicon Labs EZRadio or EZRadioPRO transceivers. The ultra-low power operating modes and fast wake-up times of the Silicon Labs energy friendly 32-bit MCUs, combined with the low transmit and receive power con- sumption of the sub-GHz radio, result in a solution optimized for battery powered applications. To develop and/or evaluate the EZR32 Wonder Gecko the EZR32WG Radio Board can be connected to the Wireless Starter Kit Mainboard to get access to display, buttons and additional features from Expansion Boards. RADIO BOARD FEATURES • Wireless MCU: EZR32WG330F256R63G • CPU core: ARM Cortex-M4 • Flash memory: 256 kB • RAM: 32 kB • Sub-GHz transceiver integrated in the Wireless MCU: EZRadioPRO • Operation frequency: 490 MHz • Transmit power: 20 dBm • Single antenna connector both for transmit and receive • Crystals for LFXO and HFXO: 32.768kHz and 48 MHz. • Crystal for RF: 30 MHz • Backup Power Domain Capacitor • Full speed USB 2.0 (12 Mbps) silabs.com | Smart. Connected. Energy-friendly. Rev. 1.10 |
Similar Part No. - BRD4505B |
|
Similar Description - BRD4505B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |