Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32BG1 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFR32BG1
Description  Home and Building Automation
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG1 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFR32BG1 Datasheet HTML 1Page - Silicon Laboratories EFR32BG1 Datasheet HTML 2Page - Silicon Laboratories EFR32BG1 Datasheet HTML 3Page - Silicon Laboratories EFR32BG1 Datasheet HTML 4Page - Silicon Laboratories EFR32BG1 Datasheet HTML 5Page - Silicon Laboratories EFR32BG1 Datasheet HTML 6Page - Silicon Laboratories EFR32BG1 Datasheet HTML 7Page - Silicon Laboratories EFR32BG1 Datasheet HTML 8Page - Silicon Laboratories EFR32BG1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 163 page
background image
EFR32BG1 Blue Gecko Bluetooth® Smart
SoC Family Data Sheet
The Blue Gecko Bluetooth Smart family of SoCs is part of the
Wireless Gecko portfolio. Blue Gecko SoCs are ideal for enabling
energy-friendly Bluetooth Smart networking for IoT devices.
The single-die solution provides industry-leading energy efficiency, ultra-fast wakeup
times, a scalable power amplifier, an integrated balun and no-compromise MCU fea-
tures.
Blue Gecko applications include:
KEY FEATURES
• 32-bit ARM® Cortex®-M4 core with 40
MHz maximum operating frequency
• Scalable Memory and Radio configuration
options available in several footprint
compatible QFN packages
• 12-channel Peripheral Reflex System
enabling autonomous interaction of MCU
peripherals
• Autonomous Hardware Crypto Accelerator
and Random Number Generator
• Integrated balun for 2.4 GHz and
integrated PA with up to 19.5 dBm
transmit power for 2.4 GHz and 20 dBm
transmit power for Sub-GHz radios
• Integrated DC-DC with RF noise mitigation
• IoT Sensors and End Devices
• Health and Wellness
• Home and Building Automation
• Accessories
• Human Interface Devices
• Metering
• Commercial and Retail Lighting and Sensing
Timers and Triggers
Real Time
Counter and
Calendar
Cryotimer
Timer/Counter
Low Energy
Timer
Pulse Counter
Watchdog Timer
Protocol Timer
32-bit bus
Peripheral Reflex System
Serial
Interfaces
I/O Ports
Analog I/F
Lowest power mode with peripheral operational:
USART
Low Energy
UARTTM
I2C
External
Interrupts
General
Purpose I/O
Pin Reset
Pin Wakeup
ADC
IDAC
Analog
Comparator
Radio Transceiver
DEMOD
AGC
IFADC
RFSENSE
EM3—Stop
EM2—Deep Sleep
EM1—Sleep
EM4—Hibernate
EM4—Shutoff
EM0—Active
Core / Memory
ARM CortexTM M4 processor
with DSP extensions and FPU
Energy Management
Brown-Out
Detector
DC-DC
Converter
Voltage
Regulator
Voltage Monitor
Power-On Reset
Other
CRYPTO
CRC
Clock Management
High Frequency
Crystal
Oscillator
Low Frequency
Crystal
Oscillator
Low Frequency
RC Oscillator
High Frequency
RC Oscillator
Ultra Low
Frequency RC
Oscillator
Auxiliary High
Frequency RC
Oscillator
Flash Program
Memory
RAM Memory
Debug Interface
DMA Controller
Memory
Protection Unit
BALUN
2.4 GHz RF
Frontend:
LNA, PA,
I/Q Mixer
Sub-GHz RF
Frontend:
LNA, PA,
I/Q Mixer
PGA
MOD
To RF
Frontend
Circuits
Frequency
Synthesizer
silabs.com | Building a more connected world.
Rev. 1.1


Similar Part No. - EFR32BG1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1 SILABS-EFR32BG1 Datasheet
8Mb / 960P
   EFR32xG1 Wireless Gecko Reference Manual
EFR32BG1 SILABS-EFR32BG1 Datasheet
656Kb / 17P
   EFR32BG 2.4 GHz 10.5 dBm Radio Board BRD4100A Reference Manual
EFR32BG12 SILABS-EFR32BG12 Datasheet
2Mb / 181P
   EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
EFR32BG12P132F1024GL125-B SILABS-EFR32BG12P132F1024GL125-B Datasheet
2Mb / 181P
   EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
EFR32BG12P132F1024GM48-B SILABS-EFR32BG12P132F1024GM48-B Datasheet
2Mb / 181P
   EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
More results

Similar Description - EFR32BG1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
   Gateway solutions for building and home integration
Version 1.0/2022
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com