Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-BUS-EK Datasheet(PDF) 3 Page - Silicon Laboratories

Part # M-BUS-EK
Description  AC to DC power adapter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

M-BUS-EK Datasheet(HTML) 3 Page - Silicon Laboratories

  M-BUS-EK Datasheet HTML 1Page - Silicon Laboratories M-BUS-EK Datasheet HTML 2Page - Silicon Laboratories M-BUS-EK Datasheet HTML 3Page - Silicon Laboratories M-BUS-EK Datasheet HTML 4Page - Silicon Laboratories M-BUS-EK Datasheet HTML 5Page - Silicon Laboratories M-BUS-EK Datasheet HTML 6Page - Silicon Laboratories M-BUS-EK Datasheet HTML 7Page - Silicon Laboratories M-BUS-EK Datasheet HTML 8Page - Silicon Laboratories M-BUS-EK Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Wi reless M-Bus-EK
Rev. 0.1
3
Figure 3. Monitor Section
The monitor section includes the following components:
C8051F342 USB microcontroller
CP2400 LCD driver
The C8051F342 microcontroller is used to monitor the meter current consumption, display the current consumption
on the eight-digit alphanumeric display, and communicate over USB with the PC applications on the PC host. The
discrete current amplifier and integrator are used with the internal comparator and timer to calculate the average
current consumption.
A second CP2400 is used to drive the monitor display. The monitor display is an alphanumeric display with eight
14-segment characters. The monitor display is normally used to display average current consumption. Pressing
the Mode button will alternately display the elapsed time or output pulse frequency.
Three pin headers are provided for different power options. The Wireless M-Bus demo board may be powered from
a USB, a wall adapter, or a 3.6 V long-life Lithium battery. The meter section can be powered from the battery while
the monitor section is powered from USB or wall power.
C8051F342
CP2400


Similar Part No. - M-BUS-EK

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
M-BAO40 COOPER-M-BAO40 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-BAO40 COOPER-M-BAO40 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
M-BAO50 COOPER-M-BAO50 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-BAO50 COOPER-M-BAO50 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
M-BAO63 COOPER-M-BAO63 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
More results

Similar Description - M-BUS-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI10XX-DK SILABS-SI10XX-DK Datasheet
1Mb / 26P
   AC to DC Power Adapter
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
   AC/DC Adapter
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
logo
MORNSUN Science& Techno...
MG01203UA MORNSUN-MG01203UA Datasheet
274Kb / 3P
   12W AC/DC Adapter
MI00505WA MORNSUN-MI00505WA Datasheet
240Kb / 3P
   5W AC/DC Adapter
MC01203UA MORNSUN-MC01203UA Datasheet
257Kb / 3P
   12W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
   24W AC/DC Adapter
logo
Delta Electronics, Inc.
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS19B DELTA-MDS-060AAS19B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com