Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5405YCP-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD5405YCP-REEL
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5405YCP-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5405YCP-REEL Datasheet HTML 5Page - Analog Devices AD5405YCP-REEL Datasheet HTML 6Page - Analog Devices AD5405YCP-REEL Datasheet HTML 7Page - Analog Devices AD5405YCP-REEL Datasheet HTML 8Page - Analog Devices AD5405YCP-REEL Datasheet HTML 9Page - Analog Devices AD5405YCP-REEL Datasheet HTML 10Page - Analog Devices AD5405YCP-REEL Datasheet HTML 11Page - Analog Devices AD5405YCP-REEL Datasheet HTML 12Page - Analog Devices AD5405YCP-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5405
Rev. 0 | Page 9 of 24
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
40
20
–20
0
–40
60
80
100
120
TEMPERATURE (°C)
IOUT1 VDD 5V
IOUT1 VDD 3V
Figure 11. IOUT1 Leakage Current vs. Temperature
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
TA = 25°C
VDD = 5V
VDD = 2.5V
ALL 0s
ALL 1s
ALL 0s
ALL 1s
Figure 12. Supply Current vs. Temperature
0
2
4
6
8
10
12
14
10k
1k
10
100
1
100k
1m
10m
100m
FREQUENCY (Hz)
TA = 25°C
LOADING ZS TO FS
VDD = 5V
VDD = 3V
VDD = 2.5V
Figure 13. Supply Current vs. Update Rate
–102
–66
–54
–42
–30
–18
–6
6
1
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
LOADING
ZS TO FS
0
–60
–48
–36
–24
–12
–84
–72
–78
–90
–96
TA = 25°C
VDD = 5V
VREF = ±3.5V
INPUT
CCOMP =1.8pF
AD8038 AMPLIFIER
AD5405 DAC
ALL ON
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
ALL OFF
10
Figure 14. Reference Multiplying Bandwidth vs. Frequency and Code
–0.8
–0.6
–0.4
–0.2
0
0.2
10k
1k
10
100
1
100k
1m
10m
100m
FREQUENCY (Hz)
TA = 25°C
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AD8038 AMPLIFIER
AD5405 DAC
Figure 15. Reference Multiplying Bandwidth–All 1s Loaded
–9
–6
–3
0
3
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
VDD = 5V
AD5405
VREF = ±2V, AD8038 CC 1.47pF
VREF = ±2V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1.47pF
VREF = ±3.51V, AD8038 CC 1.8pF
Figure 16. Reference Multiplying Bandwidth vs. Frequency and Compensation
Capacitor


Similar Part No. - AD5405YCP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
More results

Similar Description - AD5405YCP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5405 AD-AD5405_15 Datasheet
794Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5415 AD-AD5415 Datasheet
868Kb / 28P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
REV. 0
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com