Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI535X-B20QFN-EVB Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI535X-B20QFN-EVB
Description  Fully-powered from a single USB port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI535X-B20QFN-EVB Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI535X-B20QFN-EVB Datasheet HTML 4Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 5Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 6Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 7Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 8Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 9Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 10Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 11Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Si535x-B20QFN-EVB
Rev. 0.3
9
8. Bill of Materials
Table 1. Si535x Bill of Materials
Item Qty
Reference
Value
Manufacturer Manufacturer Part Number
1
5
C2,C5,C7,C8,C9
0.47 µF
Venkel
C0402X5R100-474K
2
1
C13
1nF
Venkel
C0603X7R101-102K
312
C17,C18,C20,C21,C22,C23,
C26,C27,C31,C32,C33,C35
0.1 µF
Venkel
C0402X7R100-104K
47
C19,C24,C42,C45,C48,C54,
C56
4.7 µF
Venkel
C1206X7R100-475M
5
2
C25,C30
1 µF
Venkel
C1206X7R250-105K
610
C28,C29,C34,C41,C43,C46,
C53,C55,C57,C65
10 µF
Kemet
B45196H5106M309
77
C44,C47,C49,C59,C60,C61,
C64
0.01 µF
Venkel
C0603X7R160-103M
88
C50,C51,C52,C58,C62,C63,
C66,C69
0.1 µF
Venkel
C0603X7R100-104K
98
C70,C71,C72,C73,C74,C75,
C76,C77
1 pF
MuRata
GRM1555C1H1R2CA01D
10
2
D1,D3
RED
Panasonic
LN1271RAL
11
3
D2,D4,D5
GREEN
Panasonic
LN1371G
12
2
D6,D7
MMBD3004S-7-F
Diodes Inc.
MMBD3004S-7-F
13
6
JP1,JP2,JP3,JP4,JP5,JP6
HEADER 1x3
Samtec
TSW-103-07-T-S
14
10
J5,J25,J26,J27,J28,J29,J30,
J32,J33,J34
SMA
Johnson Com-
ponents
142-0701-801
15
1
J11
HEADER 2x2
Samtec
TSW-102-07-T-D
16
1
J17
CONN TRBLK 2
Phoenix Con-
tact
1729018
17
1
J18
USB Type B
Tyco
292304-1
18
1
J19
5X2 Shrouded
Header
Tyco
5103309-1
19
5
J20,J21,J22,J23,J24
JUMPER
Samtec
TSW-102-07-T-S
20
15
R3,R4,R5,R8,R9,R23,R24,R51
,R52,R53,R54,R56,R57,R58,
R59
0
Venkel
CR0603-16W-000
21
1
R7
4.99K
Venkel
CR0402-16W-4991F
22
4
R12,R13,R39,R40
2K
Venkel
CR0603-10W-2001F
23
1
R26
100K
Venkel
CR0603-10W-104J


Similar Part No. - SI535X-B20QFN-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
SI535X-24QSOP-EVB SILABS-SI535X-24QSOP-EVB Datasheet
404Kb / 14P
   Fully-powered from a single USB port
More results

Similar Description - SI535X-B20QFN-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
SI535X-24QSOP-EVB SILABS-SI535X-24QSOP-EVB Datasheet
404Kb / 14P
   Fully-powered from a single USB port
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com