Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9248BCPZ-40 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9248BCPZ-40
Description  14-Bit, 20/40/65 MSPS Dual A/ D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248BCPZ-40 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9248BCPZ-40 Datasheet HTML 6Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 7Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 8Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 9Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 10Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 11Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 12Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 13Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AD9248
Preliminary Technical Data
Rev. PrE | Page 10 of 23
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60
55 54 53 52 51 50 49
59 58 57 56
PIN 1
IDENTIFIER
64-LEAD LF-CSP AND TQFP
TOP VIEW
(Not to Scale)
D4_A
D3_A
D2_A
D1_A
D0_A
DRGND
OTR_B
D11_B
D10_B
D9_B
D8_B
AD9248
AGND
AVDD
REFT_A
REFB_A
VREF
SENSE
REFB_B
AGND
VIN– _B
VIN+_B
VIN+_A
VIN – _A
AVDD
REFT_B
D6_A
D5_A
AGND
AGND
DRVDD
D13_B (MSB)
D12_B
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin
Number
Mnemonic
Description
2
VIN+_A
Analog Input Pin (+) for Channel A
3
VIN–_A
Analog Input Pin (- ) for Channel A
15
VIN+_B
Analog Input Pin (+) for Channel B
14
VIN- _B
Analog Input Pin (- ) for Channel B
6
REFT_A
Differential Reference (+) for Channel A
7
REFB_A
Differential Reference (- ) for Channel A
11
REFT_B
Differential Reference (+) for Channel B
10
REFB_B
Differential Reference (- ) for Channel B
8
VREF
Voltage Reference Input/Output
9
SENSE
Reference Mode Selection
18
CLK_B
Clock Input Pin for Channel B
63
CLK_A
Clock Input Pin for Channel A
19
DCS
Enable Duty Cycle Stabilizer (DCS) Mode
20
DFS
Data Output Format Select Bit (Low for Offset Binary, High for Twos Complement)
21
PDWN_B
Power-Down Function Selection for Channel B (Active High)
60
PDWN_A
Power-Down Function Selection for Channel A (Active High)
22
OEB_B
Output Enable Bit for Channel B
59
OEB_A
Output Enable Bit for Channel A (Low Setting Enables Channel A Output Data Bus)
42–51, 54-
57
D0_A (LSB)-D13_A
(MSB)
Channel A Data Output Bits
23–27, 30-
38
D0_B (LSB) -D13_B
(MSB)
Channel B Data Output Bits
39
OTR_B
Out-of-Range Indicator for Channel B
58
OTR_A
Out-of-Range Indicator for Channel A
62
SHARED_REF
Shared Reference Control Bit (Low for Independent Reference Mode, High for Shared
Reference Mode)


Similar Part No. - AD9248BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BCPZ-40 AD-AD9248BCPZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BCPZ-40 AD-AD9248BCPZ-40 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Similar Description - AD9248BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com