Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-30689 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # MGA-30689
Description  40MHz - 3000MHz v
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-30689 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button MGA-30689 Datasheet HTML 2Page - Broadcom Corporation. MGA-30689 Datasheet HTML 3Page - Broadcom Corporation. MGA-30689 Datasheet HTML 4Page - Broadcom Corporation. MGA-30689 Datasheet HTML 5Page - Broadcom Corporation. MGA-30689 Datasheet HTML 6Page - Broadcom Corporation. MGA-30689 Datasheet HTML 7Page - Broadcom Corporation. MGA-30689 Datasheet HTML 8Page - Broadcom Corporation. MGA-30689 Datasheet HTML 9Page - Broadcom Corporation. MGA-30689 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Typical Performance (0.2GHz – 3GHz)
TA = +25°C, Vdd = 5V, Input Signal = CW. Application Test Circuit is shown in Figure 30 and Table 2.
Figure 14. Ids over Temperature
Figure 15. Gain over Frequency and Temperature
Figure 16. OIP3 over Frequency and Temperature
Figure 17. P1dB over Frequency and Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
Temperature (°C)
80
90
100
110
120
85°C
25°C
-40°C
12
12.5
13
13.5
14
14.5
15
15.5
16
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
Frequency (GHz)
16
17
18
19
20
21
22
23
24
25
Frequency (GHz)
30
32
34
36
38
40
42
44
46
48
Frequency (GHz)
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
85°C
25°C
-40°C
85°C
25°C
-40°C


Similar Part No. - MGA-30689

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
MGA-30689-BLKG AVAGO-MGA-30689-BLKG Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
MGA-30689-TR1G AVAGO-MGA-30689-TR1G Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
More results

Similar Description - MGA-30689

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
logo
TriQuint Semiconductor
TGA2602-SM TRIQUINT-TGA2602-SM Datasheet
302Kb / 21P
   800 - 3000MHz High IP3 Dual LNA
logo
SIPAT Co,Ltd
LBN04001 SIPAT-LBN04001 Datasheet
322Kb / 3P
   40MHz SAW Filter
LBN04002 SIPAT-LBN04002 Datasheet
290Kb / 3P
   40MHz SAW Filter
logo
RF Micro Devices
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
   75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
RF Micro Devices
RFXF9503 RFMD-RFXF9503 Datasheet
150Kb / 2P
   Frequency Range: 3 MHz to 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
134Kb / 10P
   40MHz to 1GHz AMPLIFIER
logo
Tyco Electronics
MABACT0065 MACOM-MABACT0065 Datasheet
182Kb / 3P
   4:1 Transmission Line Transformer 500-3000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com