Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-43003 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # MGA-43003
Description  High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-43003 Datasheet(HTML) 5 Page - Broadcom Corporation.

  MGA-43003 Datasheet HTML 1Page - Broadcom Corporation. MGA-43003 Datasheet HTML 2Page - Broadcom Corporation. MGA-43003 Datasheet HTML 3Page - Broadcom Corporation. MGA-43003 Datasheet HTML 4Page - Broadcom Corporation. MGA-43003 Datasheet HTML 5Page - Broadcom Corporation. MGA-43003 Datasheet HTML 6Page - Broadcom Corporation. MGA-43003 Datasheet HTML 7Page - Broadcom Corporation. MGA-43003 Datasheet HTML 8Page - Broadcom Corporation. MGA-43003 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
MGA-43003 typical over-temperature performance at Vc1=1.8V, Vc2=1.6V, Vc3=2.0V unless otherwise stated
Pout/dBm
0
3
6
9
12
15
18
21
24
-64
-60
-56
-52
-48
-44
-40
-36
-32
18
19
20
21
22
23
24
25
26
27
28
29
30
Pout/dBm
0
3
6
9
12
15
18
21
24
-64
-60
-56
-52
-48
-44
-40
-36
-32
18
19
20
21
22
23
24
25
26
27
28
29
30
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
Pout/dBm
ACLR1_85 C
ACLR1_25 C
ACLR1_-40 C
PAE_85 C
PAE_25 C
PAE_-40 C
ACLR1_85 C
ACLR1_25 C
ACLR1_-40 C
PAE_85 C
PAE_25 C
PAE_-40 C
Idd_Total_85 C
Idd_Total_25 C
Idd_Total_-40 C
Figure 11. Over-temperature ACLR1, PAE vs Pout @ 1.87GHz
Vdd=VddBias=5.0V operating voltage
Figure 12. Over-temperature ACLR1, PAE vs Pout @ 1.87GHz
Vdd=VddBias=5.5V operating voltage
Figure 13. Over-temperature Idd_total vs Pout @ 1.842GHz
Vdd=VddBias=5.0V operating voltage
Figure 14. Over-temperature Vdet vs Pout @ 1.842 GHz, Vdd=VddBias=5.0V
operating voltage
Figure 15. Over-temperature Vdet vs Pout @ 1.842 GHz, Vdd=VddBias=5.5V
operating voltage


Similar Part No. - MGA-43003

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43003 AVAGO-MGA-43003 Datasheet
886Kb / 17P
   Power Amplifier Module
MGA-43003 AVAGO-MGA-43003 Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
MGA-43003-BLKG AVAGO-MGA-43003-BLKG Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
MGA-43003-TR1G AVAGO-MGA-43003-TR1G Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
MGA-43003 AVAGO-MGA-43003_16 Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
More results

Similar Description - MGA-43003

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43003 AVAGO-MGA-43003_16 Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
MGA-43628 AVAGO-MGA-43628 Datasheet
379Kb / 18P
   High Linearity 2.0 ??2.2 GHz Power Amplifi er Module
logo
Broadcom Corporation.
MGA-43528 BOARDCOM-MGA-43528 Datasheet
420Kb / 19P
   High Linearity (1.93 ??1.995) GHz Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43628 AVAGO-MGA-43628_15 Datasheet
379Kb / 18P
   High Linearity (2.0 ??2.2) GHz Power Amplifi er Module
logo
Broadcom Corporation.
MGA-43628 BOARDCOM-MGA-43628 Datasheet
379Kb / 18P
   High Linearity (2.0 ??2.2) GHz Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity (1.93 ??1.995) GHz Power Amplifi er Module
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
   0.5Watt High Linearity Amplifi er
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
   0.5Watt High Linearity Amplifi er
MGA-30116 AVAGO-MGA-30116_15 Datasheet
311Kb / 17P
   Watt High Linearity Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com