Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-43024 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # MGA-43024
Description  2.4 GHz WLAN Power Amplifier Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-43024 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button MGA-43024 Datasheet HTML 6Page - Broadcom Corporation. MGA-43024 Datasheet HTML 7Page - Broadcom Corporation. MGA-43024 Datasheet HTML 8Page - Broadcom Corporation. MGA-43024 Datasheet HTML 9Page - Broadcom Corporation. MGA-43024 Datasheet HTML 10Page - Broadcom Corporation. MGA-43024 Datasheet HTML 11Page - Broadcom Corporation. MGA-43024 Datasheet HTML 12Page - Broadcom Corporation. MGA-43024 Datasheet HTML 13Page - Broadcom Corporation. MGA-43024 Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
S-Parameter [1] (Vdd = VddBias = 5.0 V, Vc1 = 2.0 V, Vc2 = 2.2 V, Vc3=2.0 V), T = 25 °C, 50 Ω matched) Cont.
Freq
(GHz)
S11
(dB)
S11
(ang)
S21
(dB)
S21
(ang)
S12
(dB)
S12
(ang)
S22
(dB)
S22
(ang)
5.0
-6.46
84.78
0.01
91.18
-0.24
150.52
-57.02
31.45
5.1
-6.73
78.15
-0.92
64.62
-0.40
147.89
-59.25
12.01
5.2
-6.87
75.34
-3.06
26.21
-0.67
149.19
-59.19
-1.47
5.3
-6.97
73.43
-8.98
10.15
-0.27
149.16
-61.61
-8.22
5.4
-7.01
71.86
-12.49
8.76
-0.13
147.46
-63.56
33.91
5.5
-7.02
70.64
-15.48
9.71
-0.09
145.99
-62.32
16.46
5.6
-6.92
69.17
-15.79
16.32
-0.06
144.68
-64.11
23.62
5.7
-6.95
67.36
-16.37
1.87
-0.06
143.65
-60.01
26.24
5.8
-7.00
66.22
-18.23
-9.42
-0.05
142.77
-64.55
26.16
5.9
-7.02
65.33
-20.18
-18.10
-0.05
142.10
-62.06
39.12
6.0
-7.04
64.70
-22.19
-25.92
-0.05
141.39
-64.07
20.28
7.0
-7.02
67.98
-25.42
-139.56
-0.71
133.74
-60.95
18.91
8.0
-7.10
74.86
-29.95
64.65
-0.08
136.09
-59.44
31.23
9.0
-7.35
64.12
-30.03
14.20
-0.18
123.59
-57.11
12.30
10.0
-6.24
33.51
-32.37
-65.33
-0.29
100.34
-56.33
-22.67
11.0
-4.45
6.37
-49.16
-55.29
-0.20
85.95
-55.76
-29.37
12.0
-3.45
-1.48
-49.07
-34.30
-0.23
81.24
-57.11
-42.33
13.0
-3.45
9.38
-41.39
-24.76
-0.46
69.86
-53.63
-41.20
14.0
-4.03
18.70
-37.15
-67.28
-0.73
42.96
-52.80
-55.23
15.0
-4.82
-2.73
-35.90
-113.87
-0.92
12.09
-49.03
-74.36
16.0
-3.40
-50.29
-38.66
-156.16
-1.00
-4.11
-50.08
-90.29
17.0
-1.90
-72.72
-42.82
-178.79
-0.80
-16.68
-49.14
-91.89
18.0
-0.81
-71.96
-41.39
174.87
-0.91
-30.32
-46.04
-120.41
19.0
-0.93
-71.17
-40.04
149.88
-1.23
-51.45
-44.49
-140.30
20.0
-3.72
-130.45
-34.88
83.86
-1.11
-81.36
-42.00
165.62
Note:
1. S-parameter is measured with de-embedded reference plane at DUT RFin and RFout pins.


Similar Part No. - MGA-43024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
More results

Similar Description - MGA-43024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
logo
Skyworks Solutions Inc.
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com