Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-43528 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # MGA-43528
Description  High Linearity (1.93 ??1.995) GHz Power Amplifi er Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-43528 Datasheet(HTML) 4 Page - Broadcom Corporation.

  MGA-43528 Datasheet HTML 1Page - Broadcom Corporation. MGA-43528 Datasheet HTML 2Page - Broadcom Corporation. MGA-43528 Datasheet HTML 3Page - Broadcom Corporation. MGA-43528 Datasheet HTML 4Page - Broadcom Corporation. MGA-43528 Datasheet HTML 5Page - Broadcom Corporation. MGA-43528 Datasheet HTML 6Page - Broadcom Corporation. MGA-43528 Datasheet HTML 7Page - Broadcom Corporation. MGA-43528 Datasheet HTML 8Page - Broadcom Corporation. MGA-43528 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
-40
-30
-20
-10
0
10
20
30
40
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
85 C
25 C
-40 C
-40
-30
-20
-10
0
10
20
30
40
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
4
8
12
16
20
24
-65
-60
-55
-50
-45
-40
-35
19
20
21
22
23
24
25
26
27
28
29
30
ACLR1_85 C
ACLR1_25 C
ACLR1_-40 C
PAE_85 C
PAE_25 C
PAE_-40 C
0
4
8
12
16
20
24
-65
-60
-55
-50
-45
-40
-35
19
20
21
22
23
24
25
26
27
28
29
30
0
4
8
12
16
20
24
-65
-60
-55
-50
-45
-40
-35
19
20
21
22
23
24
25
26
27
28
29
30
0
4
8
12
16
20
24
-65
-60
-55
-50
-45
-40
-35
19
20
21
22
23
24
25
26
27
28
29
30
Frequency/GHz
Frequency/GHz
Pout/dBm
Pout/dBm
Pout/dBm
Pout/dBm
85 C
25 C
-40 C
S21
S22
S11
S21
S22
S11
ACLR1_85 C
ACLR1_25 C
ACLR1_-40 C
PAE_85 C
PAE_25 C
PAE_-40 C
ACLR1_85 C
ACLR1_25 C
ACLR1_-40 C
PAE_85 C
PAE_25 C
PAE_-40 C
ACLR1_85 C
ACLR1_25 C
ACLR1_-40 C
PAE_85 C
PAE_25 C
PAE_-40 C
MGA-43528 typical over-temperature performance at Vc1=2.4V, Vc2=1.6V, Vc3=2.2V as shown in Figure 30 unless
otherwise stated
Figure 5. Small-signal performance Over-temperature Vdd=VddBias=5.0V
operating voltage
Figure 6. Small-signal performance Over-temperature Vdd=VddBias=5.5V
operating voltage
Figure 7. Over-temperature ACLR1, PAE vs Pout @ 1.93GHz
Vdd=VddBias=5.0V operating voltage
Figure 8. Over-temperature ACLR1, PAE vs Pout @ 1.93GHz
Vdd=VddBias=5.5V operating voltage
Figure 9. Over-temperature ACLR1, PAE vs Pout @ 1.96GHz
Vdd=VddBias=5.0V operating voltage
Figure 10. Over-temperature ACLR1, PAE vs Pout @ 1.96GHz
Vdd=VddBias=5.5V operating voltage


Similar Part No. - MGA-43528

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity (1.93 ??1.995) GHz Power Amplifi er Module
MGA-43528-BLKG AVAGO-MGA-43528-BLKG Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
MGA-43528-TR1G AVAGO-MGA-43528-TR1G Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
More results

Similar Description - MGA-43528

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity (1.93 ??1.995) GHz Power Amplifi er Module
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
MGA-43628 AVAGO-MGA-43628 Datasheet
379Kb / 18P
   High Linearity 2.0 ??2.2 GHz Power Amplifi er Module
MGA-43003 AVAGO-MGA-43003_16 Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
MGA-43628 AVAGO-MGA-43628_15 Datasheet
379Kb / 18P
   High Linearity (2.0 ??2.2) GHz Power Amplifi er Module
logo
Broadcom Corporation.
MGA-43628 BOARDCOM-MGA-43628 Datasheet
379Kb / 18P
   High Linearity (2.0 ??2.2) GHz Power Amplifi er Module
MGA-43003 BOARDCOM-MGA-43003 Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
   0.5Watt High Linearity Amplifi er
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
   0.5Watt High Linearity Amplifi er
MGA-30116 AVAGO-MGA-30116_15 Datasheet
311Kb / 17P
   Watt High Linearity Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com