Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-43828 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # MGA-43828
Description  925??60 MHz Linear Power Amplifier Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-43828 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button MGA-43828 Datasheet HTML 4Page - Broadcom Corporation. MGA-43828 Datasheet HTML 5Page - Broadcom Corporation. MGA-43828 Datasheet HTML 6Page - Broadcom Corporation. MGA-43828 Datasheet HTML 7Page - Broadcom Corporation. MGA-43828 Datasheet HTML 8Page - Broadcom Corporation. MGA-43828 Datasheet HTML 9Page - Broadcom Corporation. MGA-43828 Datasheet HTML 10Page - Broadcom Corporation. MGA-43828 Datasheet HTML 11Page - Broadcom Corporation. MGA-43828 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
S-Parameter [1] (Vdd=VddBias=5.0 V, Vc2=3.5 V, Vc3=2.8 V, TA=25 °C, 50 Ω)
Freq
(GHz)
S11
(dB)
S11
(ang)
S21
(dB)
S21
(ang)
S12
(dB)
S12
(ang)
S22
(dB)
S22
(ang)
0.1
-0.359
-157.571
-34.761
-102.9
-36.702
-102.238
-0.904
164.201
0.2
-0.881
137.362
0.529
-72.729
-45.521
82.428
-1.285
153.007
0.3
-1.757
67.025
20.673
-156.637
-48.881
-65.082
-1.757
145.489
0.4
-3.964
-59.742
30.519
83.853
-50.864
151.083
-0.931
135.958
0.5
-3.995
-163.302
30.757
-4.738
-51.199
119.754
-0.871
119.03
0.6
-3.275
142.059
29.167
-52.396
-51.986
32.633
-1.332
103.983
0.70
-5.163
95.642
32.698
-103.112
-51.1
107.186
-1.661
80.291
0.75
-6.846
73.334
33.741
-131.18
-55.921
80.146
-2.667
66.154
0.76
-7.342
68.349
33.967
-137.056
-49.075
56.547
-2.92
62.95
0.77
-7.863
63.826
34.127
-143.311
-55.627
102.524
-3.276
59.029
0.78
-8.465
59.276
34.329
-149.46
-49.175
93.336
-3.672
55.503
0.79
-9.207
54.497
34.519
-155.449
-46.883
76.874
-4.105
52.346
0.80
-10.071
49.55
34.689
-161.611
-47.456
67.861
-4.623
49.093
0.81
-10.963
44.632
34.859
-168.476
-47.256
61.135
-5.32
45.102
0.82
-12.082
39.151
34.963
-175.226
-48.693
51.458
-6.041
42.262
0.83
-13.499
34.735
35.084
177.901
-46.03
64.591
-6.884
38.325
0.84
-15.307
30.159
35.157
170.998
-45.43
56.645
-7.871
34.847
0.85
-17.641
25.929
35.191
164.029
-46.723
43.339
-9.093
31.904
0.86
-20.738
23.691
35.231
156.89
-47.452
69.799
-10.718
28.809
0.87
-25.297
27.081
35.17
149.618
-49.674
28.78
-12.547
27.814
0.88
-30.69
68.189
35.097
142.575
-45.883
13.146
-14.706
28.954
0.89
-29.795
116.55
34.991
135.676
-45.028
5.629
-17.489
37.2
0.90
-24.733
149.892
34.855
128.747
-45.904
2.195
-20.79
55.762
0.91
-21.208
152.212
34.707
121.591
-44.622
5.33
-23.116
85.872
0.92
-18.628
149.76
34.476
114.705
-47.318
4.122
-20.334
115.638
0.93
-16.984
145.958
34.256
108.269
-46.64
1.502
-17.255
130.482
0.94
-15.785
142.698
34.018
101.662
-44.273
-5.232
-14.996
135.594
0.95
-14.818
139.63
33.746
95.019
-43.426
-15.692
-13.298
135.883
0.96
-13.979
135.281
33.429
88.849
-47.383
-27.149
-11.806
136.273
0.97
-13.438
131.11
33.145
82.666
-48.89
-29.658
-10.578
135.041
0.98
-12.909
127.622
32.822
76.819
-44.362
-24.384
-9.588
133.28
0.99
-12.586
125.009
32.511
71.017
-44.602
-39.641
-8.804
131.261
1.0
-12.386
122.608
32.208
65.214
-48.818
-59.526
-8.131
129.013
1.1
-12.603
109.113
28.929
11.021
-46.832
-100.49
-4.826
109.346
1.2
-9.625
102.813
21.051
-31.884
-51.572
-116.036
-2.181
99.966
1.3
-8.711
100.583
20.254
-59.035
-51.981
-108.943
-1.542
77.621
1.4
-6.245
87.113
17.062
-95.823
-63.774
-93.767
-1.24
63.215
1.5
-4.696
68.9
13.543
-129.96
-55.54
140.092
-0.952
49.655
1.6
-3.821
49.575
9.822
-162.801
-51.645
150.591
-0.766
36.848
1.7
-3.38
31.081
5.648
164.175
-55.371
133.889
-0.728
24.747
1.8
-3.417
13.393
0.717
129.544
-58.633
63.838
-0.558
13.194
1.9
-3.889
-0.984
-6.592
94.167
-57.276
13.68
-0.527
1.474
2.0
-4.37
-11.093
-19.911
67.624
-56.615
-15.052
-0.52
-9.914
2.1
-3.991
-17.321
-29.949
-106.864
-57.184
173.406
-0.544
-20.892
2.2
-3.005
-30.017
-13.616
-132.307
-57.272
-119.431
-0.469
-32.058
2.3
-2.689
-44.99
-10.868
-174.392
-56.635
156.631
-0.529
-42.577
2.4
-2.54
-58.058
-11.827
154.999
-54.139
-143.436
-0.525
-53.929
2.5
-2.396
-70.801
-8.932
153.353
-56.184
26.353
-0.688
-62.648
2.6
-2.17
-83.78
-10.65
109.066
-56.02
112.474
-0.521
-73.899
2.7
-2.069
-96.423
-12.235
86.813
-57.74
124.982
-0.499
-84.103


Similar Part No. - MGA-43828

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
MGA-43828-BLKG AVAGO-MGA-43828-BLKG Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
MGA-43828-TR1G AVAGO-MGA-43828-TR1G Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
MGA-43828 AVAGO-MGA-43828_15 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
More results

Similar Description - MGA-43828

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828_15 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Stealth Microwave, Inc.
SM09296-47 STEALTH_MICROWAVE-SM09296-47 Datasheet
107Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM0929647-LDL STEALTH_MICROWAVE-SM0929647-LDL Datasheet
161Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM04093-36HS STEALTH_MICROWAVE-SM04093-36HS Datasheet
109Kb / 4P
   400-925 MHz 4 Watt Linear Power Amplifier
SM09296-43 STEALTH_MICROWAVE-SM09296-43 Datasheet
97Kb / 2P
   925-960 MHz 20 Watt Linear Power Amplifier
SM09296-47L STEALTH_MICROWAVE-SM09296-47L Datasheet
69Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
logo
Skyworks Solutions Inc.
CX77144 SKYWORKS-CX77144 Datasheet
733Kb / 12P
   Power Amplifier Module for CDMA (887-925 MHz)
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
   925 MHz to 960 MHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com