Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3402ISO-EVB Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI3402ISO-EVB
Description  ISOLATED EVALUATION BOARD FOR THE Si3402
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3402ISO-EVB Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI3402ISO-EVB Datasheet HTML 6Page - Silicon Laboratories SI3402ISO-EVB Datasheet HTML 7Page - Silicon Laboratories SI3402ISO-EVB Datasheet HTML 8Page - Silicon Laboratories SI3402ISO-EVB Datasheet HTML 9Page - Silicon Laboratories SI3402ISO-EVB Datasheet HTML 10Page - Silicon Laboratories SI3402ISO-EVB Datasheet HTML 11Page - Silicon Laboratories SI3402ISO-EVB Datasheet HTML 12Page - Silicon Laboratories SI3402ISO-EVB Datasheet HTML 13Page - Silicon Laboratories SI3402ISO-EVB Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Si3402 ISO-EVB
10
Rev. 1.1
Table 2. Component Selection for other Output Voltages and Filter Types
3.3 V output
Transformer*
EP10 FA2671
EP13 FA2924AL
Output Rectifier:
PDS1040
Snubber:
R10, C7 470p,10
Reference
Any TLV431
R5
R6
C6
C5
Panasonic
R7, R9, R12
C8,C9,C21
Standard ESR Output
Filter
24.3 k
14.7 k
100 µF
X5R
1000 µF
6.3 V
ECA0JM102
1 k
, 3.01 k,
100
560 pF, 15 nF,
0.22 µF
Low ESR Output Filter
24.3 k
14.7 k
100 µF
X5R
560 µF
6.3 V
EEUFM0J561 1 k
, 1 k, 47 
8200 pF,
100 nF, 0.47 µF
5.0 V Output
Transformer*
EP10 FA2672
EP13 FA2805CL
Output Rectifier:
PDS1040
Snubber:
R10, C7 470p,10
Reference
Any TLV431
R5
R6
C6
C5
Panasonic
R7,
R9, R12
C8,C9,C21
Standard ESR Output
Filter
36.5 k
12.1 k
100 µF
X5R
1000 µF
6.3 V
ECA0JM102
2.05 k
,
3.01 k
, 47 
560 pF, 15 nF,
0.22 µF
Low ESR Output Filter
36.5 k
12.1 k
100 µF
X5R
560 µF
6.3 V
EEUFM0J561
2.05 k
, 1 k,
47
8200 pF,
100 nF, 0.47 µF
9.0 V Output
Transformer*
EP10 FA2732
EP13 FA2925AL
Output rectifier: PDS5100
Snubber:
R10, C7 68p,20
Reference
Higher voltage e.g.,
TLV431ASNT1G
R5
R6
C6
C5
Panasonic
R7, R9, R12
C8,C9,C21
Standard ESR Output
Filter
66.5 k
10.5 k
22 µF X5R
470 µF
16 V
ECA1M471
4.99 k
,
2.05 k
, 301 
3300 pF, 47 nF,
0.22 µF
Low ESR Output Filter
66.5 k
10.5 k
22 µF X5R
330 µF
16 V
EEUFM1C331
4.99 k
,
2.05 k
, 1 k
8200 pF, 22 nF,
0.1 µF
12.0 V Output
Transformer*
EP10 FA2732
EP13 FA2925AL
Output rectifier: PDS5100
Snubber:
R10, C7 68p,20
Reference
Higher voltage e.g.,
TLV431ASNT1G
R5
R6
C6
C5
Panasonic
R7, R9, R12
C8,C9,C21
Standard ESR Output
Filter
88.7 k
10.2 k
22 µF X5R
470 µF
16 V
ECA1M471
4.99 k
,
2.05 k
, 301 
3300 pF, 47 nF,
0.22 µF
Low ESR Output Filter
88.7 k
10.2 k
22 µF X5R
330 µF
16 V
EEUFM1C331
4.99 k
,
2.05 k
, 1 k
3300 pF, 22 nF,
0.1 µF
*Note: Coilcraft part number. EP13 core is recommended for >10 W output power and short circuit protection.


Similar Part No. - SI3402ISO-EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
Silicon Laboratories
SI3402 SILABS-SI3402 Datasheet
1Mb / 10P
   OPTIMIZED CLASS 1 PD DESIGNS USING
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
Silicon Laboratories
SI3402-B-GM SILABS-SI3402-B-GM Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
More results

Similar Description - SI3402ISO-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3400-EVB SILABS-SI3400-EVB Datasheet
225Kb / 14P
   The Si3400, Si3401, and Si3402 non-isolated evaluation
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com