Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9248BST-40 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9248BST-40
Description  14-Bit, 20/40/65 MSPS Dual A/ D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248BST-40 Datasheet(HTML) 3 Page - Analog Devices

  AD9248BST-40 Datasheet HTML 1Page - Analog Devices AD9248BST-40 Datasheet HTML 2Page - Analog Devices AD9248BST-40 Datasheet HTML 3Page - Analog Devices AD9248BST-40 Datasheet HTML 4Page - Analog Devices AD9248BST-40 Datasheet HTML 5Page - Analog Devices AD9248BST-40 Datasheet HTML 6Page - Analog Devices AD9248BST-40 Datasheet HTML 7Page - Analog Devices AD9248BST-40 Datasheet HTML 8Page - Analog Devices AD9248BST-40 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Preliminary Technical Data
AD9248
Rev. PrE | Page 3 of 23
AD9248–SPECIFICATIONS
DC SPECIFICATIONS
Table 1. (AVDD = 3 V, DRVDD = 2.5 V, Maximum Sample Rate, CLK_A = CLK_B; AIN = -0.5 dBFS Differential Input, 1.0 V
Internal Reference, TMIN to TMAX, unless otherwise noted.)
Test
AD9248BST/BCP-
20
AD9248BST/BCP-
40
AD9248BST/BCP-
65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
VI
14
14
14
Bits
ACCURACY
No Missing Codes
Guaranteed
Full
VI
14
14
14
Bits
Offset Error
Full
VI
±0.5
±0.5
±0.5
% FSR
Gain Error
1
Full
IV
±0.7
±0.7
±0.7
% FSR
Differential Nonlinearity
(DNL)
2
Full
V
±0.5
±0.5
±0.5
LSB
25°C
I
±0.5
±0.5
±0.5
LSB
Integral Nonlinearity (INL)
2
Full
V
±1.4
±1.4
±1.4
LSB
25°C
I
±1.4
±1.4
±1.4
±1.4
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±10
±10
±10
ppm/°C
Gain Error
1
Full
V
±12
±12
±12
ppm/°C
INTERNAL VOLTAGE
REFERENCE
Output Voltage Error (1 V
Mode)
Full
VI
±5
±35
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
0.8
0.8
mV
Output Voltage Error (0.5 V
Mode)
Full
V
±2.5
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
0.1
0.1
mV
INPUT REFERRED NOISE
Input Span = 1 V
25°C
V
1.8
1.8
1.8
LSB
rms
Input Span = 2.0 V
25°C
V
1.2
1.2
1.2
LSB
rms
ANALOG INPUT
Input Span = 1.0 V
Full
IV
1
1
1
V p-p
Input Span = 2.0 V
Full
IV
2
2
2
V p-p
Input Capacitance
3
Full
V
7
7
7
pF
REFERENCE INPUT
RESISTANCE
Full
V
7
7
7
k?
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.25
3.0
3.6
2.25
3.0
3.6
2.25
3.0
3.6
V
Supply Current
IAVDD
2
Full
V
60
110
200
mA
IDRVDD
2
Full
V
4
10
14
mA
PSRR
Full
V
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input
4
Full
V
180
330
600
mW
Sine Wave Input
2
Full
VI
190
212
360
397
640
698
mW
Standby Power
5
Full
V
2.0
2.0
2.0
mW
MATCHING


Similar Part No. - AD9248BST-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BST-65EB AD-AD9248BST-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BST-65EBZ AD-AD9248BST-65EBZ Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BST-65EBZ AD-AD9248BST-65EBZ Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Similar Description - AD9248BST-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com