Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG836 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG836
Description  0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG836 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG836 Datasheet HTML 4Page - Analog Devices ADG836 Datasheet HTML 5Page - Analog Devices ADG836 Datasheet HTML 6Page - Analog Devices ADG836 Datasheet HTML 7Page - Analog Devices ADG836 Datasheet HTML 8Page - Analog Devices ADG836 Datasheet HTML 9Page - Analog Devices ADG836 Datasheet HTML 10Page - Analog Devices ADG836 Datasheet HTML 11Page - Analog Devices ADG836 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
–10–
ADG836
ADG836
–11–
�������
��������
���
��
��
�����
���
���
���
��� ��������� � �� ���
���
��
���
���
���
��
Test Circuit 7. Off Isolation
�������
��������
���
��
��
���
���
���
�����
���
���
��������� ���� � �� ���
��� ���� ������
��� ������� ������
Test Circuit 8. Bandwidth
���
��
��
���
���
���
�����
���
���
���
������������������ ��������� � �� ���
���
��
�������
��������
Test Circuit 9. Channel-to-Channel Crosstalk (S1A–S1B)
���
���
���
���
���
��
���
���
���
�������
��������
��
��
��
������������������ ��������� � �� ���
���
��
Test Circuit 10. Channel-to-Channel Crosstalk (S1A–S2A)
REV. 0
REV. 0


Similar Part No. - ADG836

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836LYRM AD-ADG836LYRM Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836LYRM-REEL AD-ADG836LYRM-REEL Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836LYRM-REEL7 AD-ADG836LYRM-REEL7 Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results

Similar Description - ADG836

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG824 AD-ADG824 Datasheet
360Kb / 16P
   0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com