Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5344-EVB Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI5344-EVB
Description  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5344-EVB Datasheet(HTML) 4 Page - Silicon Laboratories

  SI5344-EVB Datasheet HTML 1Page - Silicon Laboratories SI5344-EVB Datasheet HTML 2Page - Silicon Laboratories SI5344-EVB Datasheet HTML 3Page - Silicon Laboratories SI5344-EVB Datasheet HTML 4Page - Silicon Laboratories SI5344-EVB Datasheet HTML 5Page - Silicon Laboratories SI5344-EVB Datasheet HTML 6Page - Silicon Laboratories SI5344-EVB Datasheet HTML 7Page - Silicon Laboratories SI5344-EVB Datasheet HTML 8Page - Silicon Laboratories SI5344-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Si5344-EVB
4
Rev. 1.0
5. Status LEDs
D11 is illuminated when USB +5V supply voltage is present. D12 and D13 are status LEDs showing on-board MCU
activity.
Figure 2. Status LEDs
Si5340 EVB Status LEDs
Location
Silkscreen
Color
Status Function Indication
D5
INTRB
Blue
DUT Interrupt
D7
LOLB
Blue
DUT Loss of Lock
D8
LOSXAXBB
Blue
DUT Loss of Reference
D11
+5V MAIN
Green Main USB +5V present
D12
READY
Green MCU Ready
D13
BUSY
Green MCU Busy


Similar Part No. - SI5344-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5344-D-EVB SILABS-Si5344-D-EVB Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5344-D-EVB SKYWORKS-SI5344-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

Similar Description - SI5344-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com