Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5345-EVB Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5345-EVB
Description  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5345-EVB Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5345-EVB Datasheet HTML 4Page - Silicon Laboratories SI5345-EVB Datasheet HTML 5Page - Silicon Laboratories SI5345-EVB Datasheet HTML 6Page - Silicon Laboratories SI5345-EVB Datasheet HTML 7Page - Silicon Laboratories SI5345-EVB Datasheet HTML 8Page - Silicon Laboratories SI5345-EVB Datasheet HTML 9Page - Silicon Laboratories SI5345-EVB Datasheet HTML 10Page - Silicon Laboratories SI5345-EVB Datasheet HTML 11Page - Silicon Laboratories SI5345-EVB Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Si5345-EVB
8
Rev. 1.1
10.2. Additional Power Supplies
Although additional power (besides the power supplied by the host PC’s USB port) is not needed for most
configurations, two additional +5 VDC power supplies (MAIN and AUX) can be connected to J33 and J34 (located
on the bottom of the board, near the USB connector). Refer to the Si5345-EVB schematic for details.
The Si5345-EB comes pre-configured with jumpers installed at JP15 and JP16 (pins 1-2 in both cases) in order to
select “USB”. These jumpers, together with the components installed, configure the evaluation board to obtain all
+5 V power solely through the main USB connector at J37. This setup is the default configuration and should
normally be sufficient.
Figure 8 shows the correct installation of the jumper shunts at JP15 and JP16 for default or standard operation.
Figure 8. JP15-JP16 Standard Jumper Shunt Installation
Errata Note:
Some early versions of the 64-pin Si534x-EVBs may have the silkscreen text at JP15-JP16 reversed regarding
EXT and USB, i.e., USB EXT instead of EXT USB. Regardless, the correct installation of the jumper shunts for
default or standard operation is on the right hand side as read and viewed in Figure 8.
The general guidelines for single USB power supply operation are listed below:

Use either a USB 3.0 or USB 2.0 port. These ports are specified to supply 900 mA and 500 mA
respectively at +5 V.

If you are working with a USB 2.0 port and you are current limited, turn off enough DUT output voltage
regulators to drop the total DUT current ≤ 470 mA. (Note: USB 2.0 ports may supply > 500 mA. Provided
the nominal +5 V drops gracefully by less than 10%, the EVB will still work.)

If you are working with a USB 2.0 and you are current limited and need all output clock drivers enabled,
re-configure the EVB to drive the DUT output voltage regulators from an external +5 V power supply as
follows:

Connect external +5 V power supply to terminal block J33 on the back side of the PCB.

Move the jumper at JP15 from pins 1-2 USB to pins 2-3 EXT.


Similar Part No. - SI5345-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5345-44-42 SILABS-SI5345-44-42 Datasheet
1Mb / 62P
   10-CHANNEL
Si5345-D-EVB SILABS-Si5345-D-EVB Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5345-D-EVB SKYWORKS-SI5345-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

Similar Description - SI5345-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com