Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4628 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4628
Description  HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4628 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4628 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4628 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4628 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4628 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4628 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4628 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4628 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4628 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4628 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ASAHI KASEI
[AK4628]
MS0211-E-02
2004/03
- 6 -
No.
Pin Name
I/O
Function
23
LOUT3
O
DAC3 Lch Analog Output Pin
24
ROUT3
O
DAC3 Rch Analog Output Pin
25
LOUT2
O
DAC2 Lch Analog Output Pin
26
ROUT2
O
DAC2 Rch Analog Output Pin
27
LOUT1
O
DAC1 Lch Analog Output Pin
28
ROUT1
O
DAC1 Rch Analog Output Pin
29
TST2
I
Test pin (Internal pull-down pin)
This pin should be left floating or connected to AVSS.
30
NC
-
No Connect
No internal bonding.
31
LIN
I
Lch Analog Input Pin
32
RIN
I
Rch Analog Input Pin
DZF2
O
Zero Input Detect 2 Pin
(Note 2)
When the input data of the group 1 follow total 8192 LRCK cycles with “0” input data,
this pin goes to “H”. And when RSTN bit is “0”, PWDAN pin is “0”, this pin goes to
“H”. It always is in “L” when P/S is “H”.
33
OVF
O
Analog Input Overflow Detect Pin (Note 3)
This pin goes to “H” if the analog input of Lch or Rch overflows.
34
VCOM
O
Common Voltage Output Pin, AVDD/2
Large external capacitor around 2.2µF is used to reduce power-supply noise.
35
VREFH
I
Positive Voltage Reference Input Pin, AVDD
36
AVDD
-
Analog Power Supply Pin, 4.5V
∼5.5V
37
AVSS
-
Analog Ground Pin, 0V
38
DZF1
O
Zero Input Detect 1 Pin
(Note 2)
When the input data of the group 1 follow total 8192 LRCK cycles with “0” input data,
this pin goes to “H”. And when RSTN bit is “0”, PWDAN pin is “0”, this pin goes to
“H”. Output is selected by setting DZFE pin when P/S is “H”.
39
MCLK
I
Master Clock Input Pin
40
P/S
I
Parallel/Serial Select Pin
“L”: Serial control mode, “H”: Parallel control mode
DIF0
I
Audio Data Interface Format 0 Pin in parallel control mode
41
CSN
I
Chip Select Pin in 3-wire serial control mode
This pin should be connected to DVDD at I
2C bus control mode
DIF1
I
Audio Data Interface Format 1 Pin in parallel control mode
42
SCL/CCLK
I
Control Data Clock Pin in serial control mode
I2C = “L”: CCLK (3-wire Serial), I2C = “H”: SCL (I
2C Bus)
LOOP0
I
Loopback Mode 0 Pin in parallel control mode
Enables digital loop-back from ADC to 4 DACs.
43
SDA/CDTI
I/O
Control Data Input Pin in serial control mode
I2C = “L”: CDTI (3-wire Serial), I2C = “H”: SDA (I
2C Bus)
44
TDM0
I
TDM I/F Format Mode Pin (Note 1)
“L”: Normal mode, “H”: TDM mode
Notes: 1. SDOS, SMUTE, DFS0, and TDM0 pins are ORed with register data if P/S = “L”.
2. The group 1 and 2 can be selected by DZFM3-0 bits if P/S = “L” and DZFE = “L”.
3. This pin becomes OVF pin if OVFE bit is set to “1” at serial control mode.
4. All digital input pins except for pull-down should not be left floating.


Similar Part No. - AK4628

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
501Kb / 44P
   single chip CODEC that includes two channels of ADC and eight channels of DAC.
AK4628AVQ AKM-AK4628AVQ Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
More results

Similar Description - AK4628

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com