Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM380P475T1K2A30 Datasheet(PDF) 7 Page - Vicor Corporation

Part # BCM380P475T1K2A30
Description  BCM짰 Bus Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM380P475T1K2A30 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button BCM380P475T1K2A30 Datasheet HTML 3Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 4Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 5Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 6Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 7Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 8Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 9Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 10Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BCM® Bus Converter
Rev 1.7
vicorpower.com
Page 7 of 25
07/2015
800 927.9474
BCM380x475y1K2A3z
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain SECONDARY to PRIMARY Specification (Reverse Direction)
Secondary Input Voltage range,
continuous
VSEC_DC
32.5
51.25
V
SEC to PRI No Load Power
Dissipation
PSEC_NL
VSEC_DC = 47.5 V, TINTERNAL = 25ºC
9
12
W
VSEC_DC = 47.5 V
5.9
16
VSEC_DC = 32.5 V to 51.25 V, TINTERNAL = 25ºC
15
VSEC_DC = 32.5 V to 51.25 V
20
DC Secondary Input Current
ISEC_IN_DC
At IPRI_DC = 3.2 A, TINTERNAL ≤ 100ºC
26
A
Primary Ouptut Power (continuous)
PPRI_OUT_DC
Specified at VSEC_DC = 51.25 V
1200
W
Primary Output Power (pulsed)
PPRI_OUT_PULSE
Specified at VSEC_DC = 51.25 V; 10 ms pulse,
25% Duty cycle, PPRI_AVG = 50% rated PPRI_OUT_DC
1500
W
Primary Output Current (continuous)
IPRI_OUT_DC
3.2
A
Primary Output Current (pulsed)
IPRI_OUT_PULSE
10 ms pulse, 25% Duty cycle,
IPRI_OUT_AVG = 50% rated IPRI_OUT_DC
4
A
SEC to PRI Efficiency (ambient)
ηAMB
VSEC_DC = 47.5 V, IPRI_OUT_DC = 3.2 A
97.1
97.6
%
VSEC_DC = 32.5 V to 51.25 V, IPRI_OUT_DC= 3.2 A
96.4
VSEC_DC = 47.5 V, IPRI_OUT_DC = 1.6 A
97.2
97.7
SEC to PRI Efficiency (hot)
ηHOT
VSEC_DC = 47.5 V, IPRI_OUT_DC = 3.2 A
96.5
97
%
SEC to PRI Efficiency (over load
range)
η20%
0.64 A < IPRI_OUT_DC < 3.2 A
92
%
SEC to PRI Output Resistance
RPRI_COLD
VSEC_DC = 47.5 V, IPRI_OUT_DC = 3.2 A, TINTERNAL = -40°C
1800
1950
2100
RPRI_AMB
VSEC_DC = 47.5 V, IPRI_OUT_DC = 3.2 A
2200
2400
2600
RPRI_HOT
VSEC_DC = 47.5 V, IPRI_OUT_DC = 3.2 A, TINTERNAL = 100°C
2700
2950
3200
Primary Output Voltage Ripple
VPRI_OUT_PP
CPRI_OUT_EXT = 0
µF, IPRI_OUT_DC = 3.2 A,
VSEC_DC = 47.5 V, 20 MHz BW
1600
mV
TINTERNAL ≤ 100ºC
2400
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.


Similar Part No. - BCM380P475T1K2A30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM380P475T1K2A30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCD384F120T300A00 VICOR-BCD384F120T300A00 Datasheet
767Kb / 21P
   BCM짰 Bus Converter
BCM6123E60E15A3T00 VICOR-BCM6123E60E15A3T00 Datasheet
996Kb / 28P
   BCM짰 Bus Converter
B048F060T24-EB VICOR-B048F060T24-EB Datasheet
1Mb / 12P
   BCM짰 Bus Converter
BCM6123E60E10A5T00 VICOR-BCM6123E60E10A5T00 Datasheet
1,000Kb / 29P
   BCM짰 Bus Converter
BCD380P475C1K2A30 VICOR-BCD380P475C1K2A30 Datasheet
574Kb / 14P
   Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com