Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM6123E60E10A5T00 Datasheet(PDF) 6 Page - Vicor Corporation

Part # BCM6123E60E10A5T00
Description  BCM짰 Bus Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM6123E60E10A5T00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BCM6123E60E10A5T00 Datasheet HTML 2Page - Vicor Corporation BCM6123E60E10A5T00 Datasheet HTML 3Page - Vicor Corporation BCM6123E60E10A5T00 Datasheet HTML 4Page - Vicor Corporation BCM6123E60E10A5T00 Datasheet HTML 5Page - Vicor Corporation BCM6123E60E10A5T00 Datasheet HTML 6Page - Vicor Corporation BCM6123E60E10A5T00 Datasheet HTML 7Page - Vicor Corporation BCM6123E60E10A5T00 Datasheet HTML 8Page - Vicor Corporation BCM6123E60E10A5T00 Datasheet HTML 9Page - Vicor Corporation BCM6123E60E10A5T00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 6 of 29
07/2016
800 927.9474
BCM6123x60E10A5yzz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain PRIMARY to SECONDARY Specification (Forward Direction) Cont.
Effective Primary Capacitance
(Internal)
CPRI_INT
Effective Value at 54VPRI_DC
11.2
µF
Effective Secondary Capacitance
(Internal)
CSEC_INT
Effective Value at 9VSEC_DC
202
µF
Effective Secondary Output Capaci-
tance (External)
CSEC_OUT_EXT
Excessive capacitance may drive module into SC
protection
6000
µF
Effective Secondary Output Capaci-
tance (External)
CSEC_OUT_AEXT
CSEC_OUT_AEXT Max = N * 0.5 * CSEC_OUT_EXT MAX, where
N = the number of units in parallel
Powertrain Protection PRIMARY to SECONDARY (Forward Direction)
Auto Restart Time
tAUTO_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VPRI_DC > VPRI_UVLO+
490
560
ms
Primary Overvoltage Lockout
Threshold
VPRI_OVLO+
63
67
71
V
Primary Overvoltage Recovery
Threshold
VPRI_OVLO-
61
65
69
V
Primary Overvoltage Lockout
Hysteresis
VPRI_OVLO_HYST
2
V
Primary Overvoltage Lockout
Response Time
tPRI_OVLO
100
µs
Primary Soft-Start Time
tPRI_SOFT-START
From powertrain active. Fast Current limit protection
disabled during Soft-Start
1
ms
Secondary Output Overcurrent Trip
Threshold (Analog)
ISEC_OUT_OCP
170
210
240
A
Secondary Output Overcurrent
Response Time Constant
tSEC_OUT_OCP
Effective internal RC filter
3
ms
Secondary Output Short Circuit
Protection Trip Threshold
ISEC_OUT_SCP
225
A
Secondary Output Short Circuit
Protection Response Time
tSEC_OUT_SCP
1
µs
Overtemperature Shutdown
Threshold
tOTP+
Temperature sensor located inside controller IC
125
°C


Similar Part No. - BCM6123E60E10A5T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM6123E60E15A3T00 VICOR-BCM6123E60E15A3T00 Datasheet
996Kb / 28P
   BCM짰 Bus Converter
More results

Similar Description - BCM6123E60E10A5T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCD380P475T1K2A30 VICOR-BCD380P475T1K2A30 Datasheet
3Mb / 25P
   BCM짰 Bus Converter
BCD384F120T300A00 VICOR-BCD384F120T300A00 Datasheet
767Kb / 21P
   BCM짰 Bus Converter
BCM6123E60E15A3T00 VICOR-BCM6123E60E15A3T00 Datasheet
996Kb / 28P
   BCM짰 Bus Converter
B048F060T24-EB VICOR-B048F060T24-EB Datasheet
1Mb / 12P
   BCM짰 Bus Converter
BCD380P475C1K2A30 VICOR-BCD380P475C1K2A30 Datasheet
574Kb / 14P
   Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com