Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCD24AP120T320A50 Datasheet(PDF) 1 Page - Vicor Corporation

Part # DCD24AP120T320A50
Description  DCM??DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCD24AP120T320A50 Datasheet(HTML) 1 Page - Vicor Corporation

  DCD24AP120T320A50 Datasheet HTML 1Page - Vicor Corporation DCD24AP120T320A50 Datasheet HTML 2Page - Vicor Corporation DCD24AP120T320A50 Datasheet HTML 3Page - Vicor Corporation DCD24AP120T320A50 Datasheet HTML 4Page - Vicor Corporation DCD24AP120T320A50 Datasheet HTML 5Page - Vicor Corporation DCD24AP120T320A50 Datasheet HTML 6Page - Vicor Corporation DCD24AP120T320A50 Datasheet HTML 7Page - Vicor Corporation DCD24AP120T320A50 Datasheet HTML 8Page - Vicor Corporation DCD24AP120T320A50 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DCMDC-DC Converter
Isolated, Regulated DC Converter
DCM24AP120x320A50
Features
Isolated, regulated DC-DC converter
Up to 320 W, 26.67 A continuous
93.1% peak efficiency
818 W/in3 Power density
Wide input range 18 – 36 Vdc
Safety Extra Low Voltage (SELV) 12.0 V Nominal Output
2250 Vdc isolation
ZVS high frequency switching
n Enables low-profile, high-density filtering
Optimized for array operation
n Up to 8 units – 2560 W
n No power derating needed
n Sharing strategy permits dissimilar line voltages
across an array
Fully operational current limit
OV, OC, UV, short circuit and thermal protection
3623 through-hole ChiP package
n 1.524” x 0.898” x 0.286”
(38.72 mm x 22.8 mm x 7.26 mm)
Typical Applications
Industrial
Process control
Automotive
Heavy Equipment
Product Description
The DCM Isolated, Regulated DC Converter is a DC-DC
converter, operating from an unregulated, wide range input to
generate an isolated 12.0 Vdc output. With its high frequency
zero voltage switching (ZVS) topology, the DCM converter
consistently delivers high efficiency across the input line range.
Modular DCM converters and downstream DC-DC products
support efficient power distribution, providing superior power
system performance and connectivity from a variety of
unregulated power sources to the point-of-load.
Leveraging the thermal and density benefits of Vicor’s ChiP
packaging technology, the DCM module offers flexible thermal
management options with very low top and bottom side
thermal impedances. Thermally-adept ChiP based power
components enable customers to achieve cost effective power
system solutions with previously unattainable system size,
weight and efficiency attributes, quickly and predictably.
Product Ratings
VIN = 18 V to 36 V
POUT = 320 W
VOUT = 12.0 V
(7.2 V to 13.2 V Trim)
IOUT = 26.67 A
DCMDC-DC Converter
Rev 1.2
vicorpower.com
Page 1 of 24
07/2015
800 927.9474
C
US
®
S
NRTL
C
US


Similar Part No. - DCD24AP120T320A50

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCD24AP150T320A50 VICOR-DCD24AP150T320A50 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
More results

Similar Description - DCD24AP120T320A50

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MDCD270P050M250A40 VICOR-MDCD270P050M250A40 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
DCD24AP280T320A50 VICOR-DCD24AP280T320A50 Datasheet
2Mb / 25P
   DCM DC-DC Converter
DCD24AP360T320A50 VICOR-DCD24AP360T320A50 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
DCD24AP150T320A50 VICOR-DCD24AP150T320A50 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
DCD300P480T500A40 VICOR-DCD300P480T500A40 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
DCD300P120T400A40 VICOR-DCD300P120T400A40 Datasheet
1Mb / 25P
   DCM??DC-DC Converter
DCD300P280T500A40 VICOR-DCD300P280T500A40 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
MDCD270P280M500A40 VICOR-MDCD270P280M500A40 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
DCD24AP480T320A50 VICOR-DCD24AP480T320A50 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
DCD300P240T600A40 VICOR-DCD300P240T600A40 Datasheet
2Mb / 25P
   DCM??DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com