Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F14325 Datasheet(PDF) 1 Page - Cree, Inc

Part # F14325
Description  Jenny series
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

F14325 Datasheet(HTML) 1 Page - Cree, Inc

  F14325 Datasheet HTML 1Page - Cree, Inc F14325 Datasheet HTML 2Page - Cree, Inc F14325 Datasheet HTML 3Page - Cree, Inc F14325 Datasheet HTML 4Page - Cree, Inc F14325 Datasheet HTML 5Page - Cree, Inc F14325 Datasheet HTML 6Page - Cree, Inc F14325 Datasheet HTML 7Page - Cree, Inc F14325 Datasheet HTML 8Page - Cree, Inc F14325 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
PRODUCT DATASHEET
Jenny series
last update 5/1/2017
DETAILS
Product Number
F14325_JENNY-8X1-CY
Family
Jenny
Type
Lens
Color
clear
Diameter
280 + 35 mm
Height
11,5 mm
Style
rectang
Optic Material
Silicone
Holder Material
Fastening
glue, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
5/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V6 Gen6
110+110 deg
Wide-Area... 94 %
0.350
-
V8 Gen6
105+105 deg
Wide-Area... 94 %
0.400
-
V10 Gen6
102+102 deg
Wide-Area... 94 %
0.430
-
V10 Gen7
sim: 97+100
Wide-Area... sim: 94 % sim: 0.390 -
CLL01x
104+104 deg
Wide-Area... 94 %
0.440
-
CLL02x/CLU02x (LES10)
103+103 deg
Wide-Area... 93 %
0.400
-
CLU700/701
102+102 deg
Wide-Area... 93 %
0.470
-
CXA/B 15xx
106+106 deg
Wide-Area... 94 %
0.380
-
MK-R
105+105 deg
Wide-Area... 92 %
0.420
-
CXA/B 13xx
105+105 deg
Wide-Area... 94 %
0.410
-
XM-L EZW
103+103 deg
Wide-Area... 94 %
0.460
-
MX-6
sim: 102+102 Wide-Area... sim: 93 % -
-
XHP50
105+105 deg
Wide-Area... 94 %
0.420
-
LUXEON M/MX
104+104 deg
Wide-Area... 94 %
0.450
-
LUXEON 5258
103+103 deg
Wide-Area... 94 %
0.490
-
NSMx286M
105+105 deg
Wide-Area... 94 %
0.410
-
Soleriq P6
107+107 deg
Wide-Area... 94 %
0.400
-
Soleriq P9
106+106 deg
Wide-Area... 94 %
0.390
-
Duris S8
102+102 deg
Wide-Area... 94 %
0.520
-
Duris S10
108+108 deg
Wide-Area... 94 %
0.350
-
Duris P10
sim: 100
Wide-Area... sim: 93 % sim: 0.535 -
Soleriq S9
sim: 104+104 Wide-Area... sim: 94 % sim: 0.410 -
COB D Series LES 9.8 mm
106+106 deg
Wide-Area... 94 %
0.370
-
MJT COB LES 9.8
105+105 deg
Wide-Area... 93 %
0.360
-
MJT COB LES 6
111+111 deg
Wide-Area... 91 %
0.360
-
May 23rd 2017 4:45 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F14325

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14325 LEDIL-F14325 Datasheet
7Mb / 10P
   ~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
More results

Similar Description - F14325

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14648 CREE-FCN14648 Datasheet
2Mb / 52P
   Jenny series
F14531 CREE-F14531 Datasheet
2Mb / 52P
   Jenny series
F14326 CREE-F14326 Datasheet
2Mb / 35P
   Jenny series
FCN14875 CREE-FCN14875 Datasheet
2Mb / 35P
   Jenny series
F14563 CREE-F14563 Datasheet
2Mb / 35P
   Jenny series
logo
Ledil, Inc.
C14436 LEDIL-C14436 Datasheet
3Mb / 3P
   Black frame for JENNY optics
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com