Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXM-14 Datasheet(PDF) 2 Page - Cree, Inc

Part # CXM-14
Description  ANGELA series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXM-14 Datasheet(HTML) 2 Page - Cree, Inc

  CXM-14 Datasheet HTML 1Page - Cree, Inc CXM-14 Datasheet HTML 2Page - Cree, Inc CXM-14 Datasheet HTML 3Page - Cree, Inc CXM-14 Datasheet HTML 4Page - Cree, Inc CXM-14 Datasheet HTML 5Page - Cree, Inc CXM-14 Datasheet HTML 6Page - Cree, Inc CXM-14 Datasheet HTML 7Page - Cree, Inc CXM-14 Datasheet HTML 8Page - Cree, Inc CXM-14 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
0%
25%
50%
75%
100%
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Relative intensity of FCN13705_ANGELA-S_(V15)


Similar Part No. - CXM-14

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXM-14 CREE-CXM-14 Datasheet
3Mb / 72P
   Winnie series
CXM-14 CREE-CXM-14 Datasheet
2Mb / 40P
   ANGELA series
logo
Luminus, Inc
CXM-14 LUMINUS-CXM-14 Datasheet
1Mb / 13P
   COB Arrays White LED
CXM-14-18-70-36-AC38-F4-3 LUMINUS-CXM-14-18-70-36-AC38-F4-3 Datasheet
2Mb / 21P
   Custom Color COB Arrays LED Specialty Lighting
CXM-14-18-70-36-AC48-F5-3 LUMINUS-CXM-14-18-70-36-AC48-F5-3 Datasheet
1Mb / 23P
   Custom Color COB Arrays LED Specialty Lighting
More results

Similar Description - CXM-14

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13706 CREE-FCN13706 Datasheet
2Mb / 40P
   ANGELA series
F13380 CREE-F13380 Datasheet
5Mb / 108P
   ANGELA series
F13840 CREE-F13840 Datasheet
5Mb / 88P
   ANGELA series
FCN14381 CREE-FCN14381 Datasheet
560Kb / 7P
   ANGELA series
F13663 CREE-F13663 Datasheet
5Mb / 100P
   ANGELA series
FC13980 CREE-FC13980 Datasheet
2Mb / 17P
   ANGELA series
FC13987 CREE-FC13987 Datasheet
2Mb / 17P
   ANGELA series
F13379 CREE-F13379 Datasheet
5Mb / 100P
   ANGELA series
FC13983 CREE-FC13983 Datasheet
2Mb / 15P
   ANGELA series
logo
Ledil, Inc.
F13379 LEDIL-F13379 Datasheet
9Mb / 209P
   Angela series
F13381 LEDIL-F13381 Datasheet
9Mb / 219P
   Angela series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com