Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3H280512T Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # M3H280512T
Description  HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

M3H280512T Datasheet(HTML) 6 Page - Infineon Technologies AG

  M3H280512T Datasheet HTML 1Page - Infineon Technologies AG M3H280512T Datasheet HTML 2Page - Infineon Technologies AG M3H280512T Datasheet HTML 3Page - Infineon Technologies AG M3H280512T Datasheet HTML 4Page - Infineon Technologies AG M3H280512T Datasheet HTML 5Page - Infineon Technologies AG M3H280512T Datasheet HTML 6Page - Infineon Technologies AG M3H280512T Datasheet HTML 7Page - Infineon Technologies AG M3H280512T Datasheet HTML 8Page - Infineon Technologies AG M3H280512T Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M3H-SERIES
(+28V Input, Triple Output)
6
2016-04-19
Figure 2. ±12V Load Regulation Vs 5V Load
Figure 3. ±15V Load Regulation Vs 5V Load
10
10.5
11
11.5
12
12.5
13
13.5
14
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
±12V Load Current ( Amps each )
5V load = 4A
5V load = 2A
5V load = 0.4A
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
±15V Load Current ( Amps each )
5V load = 4A
5V load = 2A
5V load = 0.4A


Similar Part No. - M3H280512T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H280512T IRF-M3H280512T Datasheet
132Kb / 8P
   HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
More results

Similar Description - M3H280512T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com