Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3155 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3155
Description  TP3155 Time Slot Assignment Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3155 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP3155 Datasheet HTML 1Page - National Semiconductor (TI) TP3155 Datasheet HTML 2Page - National Semiconductor (TI) TP3155 Datasheet HTML 3Page - National Semiconductor (TI) TP3155 Datasheet HTML 4Page - National Semiconductor (TI) TP3155 Datasheet HTML 5Page - National Semiconductor (TI) TP3155 Datasheet HTML 6Page - National Semiconductor (TI) TP3155 Datasheet HTML 7Page - National Semiconductor (TI) TP3155 Datasheet HTML 8Page - National Semiconductor (TI) TP3155 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC Relative to GND
7V
Voltage at Any Input
or Output
VCC a 03V to GND b03V
Operating Temperature Range
(Ambient)
b
25 Cto a125 C
Storage Temperature Range
(Ambient)
b
65 Cto a150 C
Maximum Lead Temperature
(Soldering 10 seconds)
300 C
ESD rating to be determined
DC Electrical Characteristics
Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC e 50V g5% TA e 0 Cto a70 Cby
correlation with 100% electrical testing at TA e 25 C All other limits are assured by correlation with other production tests and
or product design and characterization Typicals specified at VCC e 50V TA e 25 C
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Levels
VIH Logic High
20
V
VIL Logic Low
07
V
Input Currents
All Inputs Except MODE
VIL k VIN k VIH
b
11
m
A
MODE
VIN e 0V
b
100
m
A
Output Voltage Levels
VOH Logic High
FSX and FSR Outputs IOH e 3 mA
24
V
VOL Logic Low
FSX and FSR Outputs IOL e 5 mA
04
V
TSX Output IOL e 5mA
04
V
Power Dissipation
BCLK e 2048 MHz
1
15
mA
Operating Current
All Outputs Open-Circuit
Timing Specifications
Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC e 50V g5% TA e 0 Cto a70 Cby
correlation with 100% electrical testing at TA e 25 C All other limits are assured by correlation with other production tests and
or product design and characterization Typicals specified at VCC e 50V TA e 25 C All timing parameters are measured at
VOH e 20V and VOL e 07V
See Definitions and Timing Conventions section for test methods information
Symbol
Parameter
Conditions
Min
Max
Units
tPC
Period of Clock
BCLK CLKC
480
ns
tWCH
Width of Clock High
BCLK CLKC
160
ns
tWCL
Width of Clock Low
BCLK CLKC
160
ns
tSDC
Set-Up Time from DC to CLKC
50
ns
tHCD
Hold Time from CLKC to DC
50
ns
tSCC
Set-Up Time from CS to CLKC
30
ns
tHCC
Hold Time from CLKC to CS
100
ns
tSCHC
Set-Up Time from Channel Select to CLKC
50
ns
tHCHC
Hold Time from Channel Select to CLKC
50
ns
tDBF
Delay Time from BCLK Low to FSXR 0–3
CL e 50 pF
100
ns
High or Low
tHSYNC
Hold Time from BCLK to Frame Sync
50
ns
tSSYNC
Set-Up Time from Frame Sync to BCLK
100
ns
tDTL
Delay to TSX Low
CL e 50 pF
140
ns
tDTH
Delay to TSX High
RL e 1k to VCC
30
140
ns
tRC tFC
Rise and Fall Time of Clock
BCLK CLKC
50
ns
2


Similar Part No. - TP3155

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP3109A TPOWER-TP3109A Datasheet
715Kb / 10P
   9-channel LED drive control dedicated circuit
TP3112A TPOWER-TP3112A Datasheet
1Mb / 10P
   12-channel LED drive control dedicated circuit
More results

Similar Description - TP3155

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KT8555 SAMSUNG-KT8555 Datasheet
96Kb / 6P
   TIME SLOT ASSIGNMENT CIRCUIT
S5T8555 SAMSUNG-S5T8555 Datasheet
85Kb / 10P
   TIME SLOT ASSIGNMENT CIRCUIT
logo
Motorola, Inc
MC145601 MOTOROLA-MC145601 Datasheet
45Kb / 1P
   Time Slot interchange circuit
logo
List of Unclassifed Man...
IR3C07 ETC1-IR3C07 Datasheet
232Kb / 4P
   Pin Assignment
PVP-2150 ETC1-PVP-2150 Datasheet
181Kb / 2P
   pin assignment
logo
Sames
SA8702 SAMES-SA8702 Datasheet
28Kb / 6P
   BLOCK MODE TIME SLOT ALLOCATION CIRCUIT
logo
Toshiba Semiconductor
TMP47C1270 TOSHIBA-TMP47C1270 Datasheet
635Kb / 23P
   PIN ASSIGNMENT
logo
American Accurate Compo...
TIL81 AAC-TIL81 Datasheet
2Mb / 4P
   SWITCHING TIME TEST CIRCUIT
logo
P-tec Corporation
PT322435-TLMWD-E25C P-TEC-PT322435-TLMWD-E25C Datasheet
2Mb / 30P
   Input / Output Terminals Pin Assignment
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
   Integrated on-time control circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com