Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4558OC-TU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA4558OC-TU
Description  Dual Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4558OC-TU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA4558OC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APA4558OC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APA4558OC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APA4558OC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APA4558OC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA4558OC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA4558OC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA4558OC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA4558OC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Nov., 2001
APA4558
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Dual Operational Amplifier
Features
Applications
General Description
Ordering Information
•••••!!Power Supply Range:
- Signal Supply : 3V to 20V
- Dual Supply : ± 1.5V to ± 10V
•••••
Large DC Voltage Gain : 100dB
•••••
Large Output Swing : 0V ~ V
DD- 1.5V
•••••
Bandwidth(unity gain) : 2MHz
•••••
Internally Frequency Compensated for Unity
Gain
•••••
Low Input Offset Voltage : 1mV
•••••!!Amplifiers
•••••!!Filters
•••••!!Analog Circuit
P a c k age C od e
J : P D IP
K : S O P -8
O : T SSO P-8
T e m p . R an ge
C : 0 to 7 0 C
H a n d ling C od e
T U : T u b e
T R : T ap e & R eel
) 2 ) "##&
H a n d ling C od e
T e m p . R an ge
P a ck age C od e
°
Block Diagram
The APA4558 consists of two independent , high gain
, internally frequency compensated operational am-
plifiers which were designed specifically to operate
from a single power supply up to 20 volts . Opera-
tion from dual power supplies is also possible and
the power supply current drain is essentially inde-
pendent of the magnitude of the power supply volt-
age .
Application areas include transducer amplifiers , DC
gain blocks and all the conventional OP amplifier
circuits which can be more easily implemented in
single power supply systems . ( For example , the
APA4558 can be directly operated from the standard
+5V power supply voltage which is normally used in
digital systems . )
Output B
Inverting Input B
1
2
3
4
5
6
7
8
Output A
Inverting Input A
Non-inverting Input B
V
,,
+
V
,,
-
B
-
+
A
- +
Non-inverting Input A


Similar Part No. - APA4558OC-TU

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450 ACTEL-APA450 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA450 MICROSEMI-APA450 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA450 MICROSEMI-APA450 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA4558OC-TU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com