Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4558JC-TR Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA4558JC-TR
Description  Dual Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4558JC-TR Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA4558JC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA4558JC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA4558JC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4558JC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4558JC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4558JC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4558JC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4558JC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4558JC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Nov., 2001
APA4558
www.anpec.com.tw
4
Typical Characteristics Cont.
Maximum Output Voltage Swing vs
Temperature
Figure 5 : Temperature - °C
Input Offset Voltage vs Temperature
Input Bias Current vs Temperature
Figure 7 : Temperature - °C
Figure 8 : Operating Voltage - V
Figure 6 : Temperature - °C
Maximum Output Voltage Swing vs
Operating Voltage
-50 -25
0
25
50
75 100
-15
-10
-5
0
5
10
15
R
L=10kΩ
V
DD= ±10V
2
-50
-25 0
25
50
75 100
-2
-1.5
-1
-0.5
0
0.5
1
1.5
V
DD=
-10
-8
-6
-4
-2
0
2
4
6
8
10
±2 ±3 ±4 ±5 ±6 ±7 ±8 ±9 ± 10
R
L=2kΩ
T
A= 25°C
-50 -25
0
25
50
75 100
0
10
20
30
40
50
60
70
80
90
100
V
DD= ±10V


Similar Part No. - APA4558JC-TR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450 ACTEL-APA450 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA450 MICROSEMI-APA450 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA450 MICROSEMI-APA450 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA4558JC-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com