Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4430 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM4430
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4430 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM4430 Datasheet HTML 1Page - Anpec Electronics Coropration APM4430 Datasheet HTML 2Page - Anpec Electronics Coropration APM4430 Datasheet HTML 3Page - Anpec Electronics Coropration APM4430 Datasheet HTML 4Page - Anpec Electronics Coropration APM4430 Datasheet HTML 5Page - Anpec Electronics Coropration APM4430 Datasheet HTML 6Page - Anpec Electronics Coropration APM4430 Datasheet HTML 7Page - Anpec Electronics Coropration APM4430 Datasheet HTML 8Page - Anpec Electronics Coropration APM4430 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2001
APM4430
www.anpec.com.tw
2
APM4430
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
Static
BV
DSS
Drain-Source Breakdown
V
GS=0V, ID=250
µA
30
V
V
DS=24V, VGS=0V
1
µA
I
DSS
Zero Gate Voltage Drain Current
VDS =24V, VGS =0V, T j = 55°C
5
µA
V
GS(th)
Gate Threshold Voltage
V
DS=VGS, ID=250
µA
13
V
I
GSS
Gate Leakage Current
V
GS=±20V, VDS=0V
±100 nA
V
GS=10V, ID=23A
4.5
5
R
DS(ON)
Drain-Source On-state
Resistance
V
GS=5V, ID=17A
7
8
m
V
SD
Diode Forward Voltage
I
S=6A, VGS=0V
0.6
1.1
V
Dynamic
Q
g
Total Gate Charge
40
55
nC
Q
gs
Gate-Source Charge
17
nC
Q
gd
Gate-Drain Charge
V
DS=15V, VGS=4.5V,
I
D=23A
14
nC
t
d(ON)
Turn-on Delay Time
30
45
ns
t
r
Turn-on Rise Time
16
24
ns
t
d(OFF)
Turn-off Delay Time
100
150
ns
t
f
Turn-off Fall Time
V
DD=15V, ID=1A,
V
GEN=10V, RG=0.2
55
70
ns
C
iss
Input Capacitance
4800
pF
C
oss
Output Capacitance
900
pF
C
rss
Reverse Transfer Capacitance
V
GS=0V
V
DS=15V
Frequency=1.0MHz
320
pF
Electrical Characteristics (T
A
=25°C unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
T
A = 25°C
1.6
P
D
Maximum Power Dissipation*
T
A = 70°C
0.625
W
T
J
Maximum Junction Temperature
150
T
STG
Storage Temperature Range
-55 to 150
°C
R
thJA
Thermal Resistance – Junction to Ambient
80
°C/W
* Surface Mounted on FR4 Board, t
≤ 10 sec.


Similar Part No. - APM4430

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4430K ANPEC-APM4430K Datasheet
121Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4430KC-TR ANPEC-APM4430KC-TR Datasheet
121Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4430KC-TRL ANPEC-APM4430KC-TRL Datasheet
121Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4430KC-TU ANPEC-APM4430KC-TU Datasheet
121Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4430KC-TUL ANPEC-APM4430KC-TUL Datasheet
121Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4430

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com