Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-999 Datasheet(PDF) 4 Page - International Rectifier

Part # AN-999
Description  International Rectifier?셲 Total Dose Radiation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AN-999 Datasheet(HTML) 4 Page - International Rectifier

  AN-999 Datasheet HTML 1Page - International Rectifier AN-999 Datasheet HTML 2Page - International Rectifier AN-999 Datasheet HTML 3Page - International Rectifier AN-999 Datasheet HTML 4Page - International Rectifier AN-999 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
www.irf.com
Application Notes
Figure 2
Wa
ferLot
ID Number
2N Number
IRH Number
etc.
Test Number —
Pa
rameter
Conditions
and Limits
Wa
fe
r
Number
Bias;
VGS and VDS
Radiation Dose
inRad(Si)
PRE = 0KRad (Si)
100K = 100KRad (Si)
etc.
Test Program Name
and Rev.Number


Similar Part No. - AN-999

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-990 IRF-AN-990 Datasheet
579Kb / 17P
   Application Note
AN-994-1 IRF-AN-994-1 Datasheet
120Kb / 7P
   MAXIMIZING THE EFFECTIVENESS OF YOUR SMD ASSEMBLIES
logo
Fairchild Semiconductor
AN-996 FAIRCHILD-AN-996 Datasheet
198Kb / 2P
   Using the Fairchild FST Bus Switch as a 5V to 3V Translator
More results

Similar Description - AN-999

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA710FR10A1NK IRF-RDHA710FR10A1NK Datasheet
336Kb / 22P
   Neutron and Total Ionizing Dose Test
RIC7113 IRF-RIC7113 Datasheet
2Mb / 64P
   Total Ionizing Dose Test Report
GSIONIRUH33P253B1M IRF-GSIONIRUH33P253B1M Datasheet
402Kb / 24P
   Total Ionizing Dose Test Report
GSIONIRUH33PA13B20K IRF-GSIONIRUH33PA13B20K Datasheet
98Kb / 16P
   Total Ionizing Dose Test Report
GSION-IRUH3301 IRF-GSION-IRUH3301 Datasheet
77Kb / 17P
   Total Ionizing Dose Test Report
RDHA701FP10A8QK IRF-RDHA701FP10A8QK Datasheet
391Kb / 40P
   Neutron and Total Ionizing Dose Test
RDHA701CD10A2NK IRF-RDHA701CD10A2NK Datasheet
339Kb / 22P
   Neutron and Total Ionizing Dose Test
logo
Micropac Industries
67060 MICROPAC-67060 Datasheet
77Kb / 2P
   SLOTTED OPTICAL INTERRUPTER PROTON AND TOTAL DOSE TOLERANT
logo
M.S. Kennedy Corporatio...
MSK4231RH MSK-MSK4231RH_15 Datasheet
752Kb / 8P
   Total Dose Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
MSK4204RH MSK-MSK4204RH_15 Datasheet
368Kb / 6P
   Total Dose Hardened To TBD Krad(Si) (Method 1019.8 Condition A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com