Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4532KC-TR Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM4532KC-TR
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4532KC-TR Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM4532KC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM4532KC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM4532KC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM4532KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM4532KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM4532KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM4532KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM4532KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM4532KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Sep., 2002
www.anpec.com.tw
5
APM4532
0
5
10
15
20
0
100
200
300
400
500
600
700
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2
3
4
5678
9
10
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Typical Characteristics (Cont.)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
On-Resistance vs. Junction Temperature
VGS=10V
ID=5A
TJ - Junction Temperature (°C)
VDS - Drain-to-Source Voltage (V)
Capacitance
Ciss
Coss
Crss
Gate Charge
QG - Gate Charge (nC)
N-Channel
ID=5A
Frequency=1MHz
0
2
4
6
8
101214
0
2
4
6
8
10
V
DS
=10 V
I
DS
= 5 A


Similar Part No. - APM4532KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4532KC-TR ANPEC-APM4532KC-TR Datasheet
159Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532KC-TRL ANPEC-APM4532KC-TRL Datasheet
159Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
VBsemi Electronics Co.,...
APM4532KC-TRL VBSEMI-APM4532KC-TRL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - APM4532KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com