Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1204 Datasheet(PDF) 4 Page - International Rectifier

Part # AN-1204
Description  Application Note
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AN-1204 Datasheet(HTML) 4 Page - International Rectifier

  AN-1204 Datasheet HTML 1Page - International Rectifier AN-1204 Datasheet HTML 2Page - International Rectifier AN-1204 Datasheet HTML 3Page - International Rectifier AN-1204 Datasheet HTML 4Page - International Rectifier AN-1204 Datasheet HTML 5Page - International Rectifier AN-1204 Datasheet HTML 6Page - International Rectifier AN-1204 Datasheet HTML 7Page - International Rectifier AN-1204 Datasheet HTML 8Page - International Rectifier AN-1204 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.irf.com
4
AN-1204
For satellites and space borne payloads, criteria for choosing such a heat sink involve size
and weight restrictions also. So highest acceptable temperature rise should be used for
working backwards to design a heat sink.
For example, let us assume we have 35
C in space environment and we accept a
temperature rise of 25
C above this and thus design a heat sink to maintain case
temperature of 60
C. Same methodology can be followed for any other allowable
temperature rise or any other acceptable size and weight of heat sink. This is, because
heat can be transferred only by conduction and radiation in space
The Thermal Analysis of ARE28XXS-D goes into great details about power dissipation
and likely temperature rise of each power semiconductor die used in the converter, stating
margins between its rated dissipation and actual designed-in dissipation. As can be
appreciated, this margin is sufficient for guaranteeing reliable performance during its
lifetime.
4
REMOTE SENSE:
The remote sense feature helps maintain output voltage regulation at the load by correcting
for
the voltage drop along the conductors that connect the load to the converter’s output. This
feature is available only on single output model (ARE28XXS). To use this feature connect
±Sense pins directly to the load. One can use thinner gauge wires for this connection, but it is
recommended that these wires be twisted. Alternatively one can use a shielded cable with
the shield being connected to case of the converter, which can be grounded as shown in
Figure (2)
Figure (2) Remote sense feature-single model
If user decides not to make use of the Remote sense feature, it is imperative that +Sense
pin be connected to +Output and
–Sense pin be connected to –Output. This is shown in
Figure (3).


Similar Part No. - AN-1204

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-1203 IRF-AN-1203 Datasheet
1Mb / 11P
   Application Note
logo
ATMEL Corporation
AN-12077 ATMEL-AN-12077 Datasheet
4Mb / 48P
   Hardware Prerequisites
More results

Similar Description - AN-1204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com