Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0401A Datasheet(PDF) 6 Page - Texas Instruments

Part # TPL0401A
Description  128-TAPS Single-Channel Digital Potentiometer With I2C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL0401A_17 Datasheet HTML 2Page - Texas Instruments TPL0401A_17 Datasheet HTML 3Page - Texas Instruments TPL0401A_17 Datasheet HTML 4Page - Texas Instruments TPL0401A_17 Datasheet HTML 5Page - Texas Instruments TPL0401A_17 Datasheet HTML 6Page - Texas Instruments TPL0401A_17 Datasheet HTML 7Page - Texas Instruments TPL0401A_17 Datasheet HTML 8Page - Texas Instruments TPL0401A_17 Datasheet HTML 9Page - Texas Instruments TPL0401A_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
TPL0401A
TPL0401B
SLIS144B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TPL0401A TPL0401B
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
7.6 Timing Requirements
MIN
MAX
UNIT
STANDARD MODE
fSCL
I2C clock frequency
0
100
kHz
tSCH
I2C clock high time
4
µs
tSCL
I2C clock low time
4.7
µs
tsp
I2C spike time
0
50
ns
tSDS
I2C serial data setup time
250
ns
tSDH
I2C serial data hold time
0
ns
tICR
I2C input rise time
1000
ns
tICF
I2C input fall time
300
ns
tOCF
I2C output fall time, 10 pF to 400 pF bus
300
ns
tBUF
I2C bus free time between stop and start
4.7
µs
tSTS
I2C start or repeater start condition setup time
4.7
µs
tSTH
I2C start or repeater start condition hold time
4
µs
tSPS
I2C stop condition setup time
4
µs
tVD(DATA)
Valid data time, SCL low to SDA output valid
1
µs
tVD(ACK)
Valid data time of ACK condition, ACK signal from SCL low to SDA (out) low
1
µs
FAST MODE
fSCL
I2C clock frequency
0
400
kHz
tSCH
I2C clock high time
0.6
µs
tSCL
I2C clock low time
1.3
µs
tsp
I2C spike time
0
50
ns
tSDS
I2C serial data setup time
100
ns
tSDH
I2C serial data hold time
0
ns
tICR
I2C input rise time
20
300
ns
tICF
I2C input fall time
20 × (VDD / 5.5)
300
ns
tOCF
I2C output fall time, 10 pF to 400 pF bus
(VDD / 5.5) × 20
300
ns
tBUF
I2C bus free time between stop and start
1.3
µs
tSTS
I2C start or repeater start condition setup time
1.3
µs
tSTH
I2C start or repeater start condition hold time
0.6
µs
tSPS
I2C stop condition setup time
0.6
µs
tVD(DATA)
Valid data time, SCL low to SDA output valid
1
µs
tVD(ACK)
Valid data time of ACK condition, ACK signal from SCL low to SDA (out) low
1
µs


Similar Part No. - TPL0401A_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A-10 TI1-TPL0401A-10 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI-TPL0401A-10DCKR Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

Similar Description - TPL0401A_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com