Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0401X-10 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPL0401X-10
Description  128-TAPS Single-Channel Digital Potentiometer With I2C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401X-10 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL0401X-10 Datasheet HTML 7Page - Texas Instruments TPL0401X-10 Datasheet HTML 8Page - Texas Instruments TPL0401X-10 Datasheet HTML 9Page - Texas Instruments TPL0401X-10 Datasheet HTML 10Page - Texas Instruments TPL0401X-10 Datasheet HTML 11Page - Texas Instruments TPL0401X-10 Datasheet HTML 12Page - Texas Instruments TPL0401X-10 Datasheet HTML 13Page - Texas Instruments TPL0401X-10 Datasheet HTML 14Page - Texas Instruments TPL0401X-10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TPL0401A/B-10
I
2C INTERFACE
WIPER
REGISTER
SCL
SDA
GND
VDD
W
H
Copyright © 2017, Texas Instruments Incorporated
11
TPL0401A
TPL0401B
www.ti.com
SLIS144B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: TPL0401A TPL0401B
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPL0401x-10 has a single linear-taper digital potentiometer with 128 wiper positions and an end-to-end
resistance of 10 kΩ. The potentiometer can be used as a three-terminal potentiometer. The main operation of
TPL0401x-10 is in voltage divider mode.
The low (L) terminal of the TPL0401x-10 is tied directly to GND. The high (H) and low (GND) terminals of
TPL0401-10 are equivalent to the fixed terminals of a mechanical potentiometer. The H terminal must have a
higher voltage than the low terminal (GND). The position of the wiper (W) terminal is controlled by the value in
the Wiper Resistance (WR) 8-bit register. When the WR register contains all zeroes (zero-scale), the wiper
terminal is closest to its L terminal. As the value of the WR register increases from all zeroes to all ones (full-
scale), the wiper moves from the position closest to the GND terminal to the position closest to the H terminal. At
the same time, the resistance between W and GND increases, whereas the resistance between W and H
decreases.
9.2 Functional Block Diagram
9.3 Feature Description
The TPL0401x-10 device is a single-channel, linear taper digital potentiometer with 128 wiper positions. Default
power up state for the TPL0401x-10 is mid code (0×40). The TPL0401x-10 has the low terminal connected to
GND internally. The position of the wiper can be adjusted using an I2C interface. The TPL0401x-10 is available in
a 6-pin SOT package with a specified temperature range of –40°C to +125°C. The part has a 10-kΩ end-to-end
resistance and can operate with a supply voltage range of 2.7 V to 5.5 V. This kind of product is widely used in
setting the voltage reference for low power DDR3 memory. The TPL0401x-10 has the low terminal internal and
connected to GND.
9.4 Device Functional Modes
9.4.1 Voltage Divider Mode
The digital potentiometer generates a voltage divider when all three terminals are used. The voltage divider at
wiper-to-H and wiper-to-GND is proportional to the input voltage at H to L (see Figure 11).


Similar Part No. - TPL0401X-10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401x-10-Q1 TI1-TPL0401x-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
More results

Similar Description - TPL0401X-10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com