Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA00328DCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00328DCKR
Description  50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00328DCKR Datasheet(HTML) 1 Page - Texas Instruments

  HPA00328DCKR Datasheet HTML 1Page - Texas Instruments HPA00328DCKR Datasheet HTML 2Page - Texas Instruments HPA00328DCKR Datasheet HTML 3Page - Texas Instruments HPA00328DCKR Datasheet HTML 4Page - Texas Instruments HPA00328DCKR Datasheet HTML 5Page - Texas Instruments HPA00328DCKR Datasheet HTML 6Page - Texas Instruments HPA00328DCKR Datasheet HTML 7Page - Texas Instruments HPA00328DCKR Datasheet HTML 8Page - Texas Instruments HPA00328DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS715xx
IN
GND
OUT
Solar
Cell
MSP430
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS715
SLVS338R – MAY 2001 – REVISED APRIL 2015
TPS715 50-mA, 24-V, 3.2-
μA Supply Current Low-Dropout Linear Regulator
in SC70 Package
1 Features
3 Description
The TPS715 low-dropout (LDO) voltage regulators
1
24-V Maximum Input Voltage
offer the benefits of high input voltage, low-dropout
Low 3.2-
μA Quiescent Current at 50 mA
voltage,
low-power
operation,
and
miniaturized
Stable With Any Capacitor
≥ 0.47 μF
packaging. The devices, which operate over an input
range of 2.5 V to 24 V, are stable with any capacitor
50-mA Low-Dropout Regulator
greater than or equal to 0.47
μF. The low dropout
Available in 1.8 V, 1.9 V, 2.3 V, 2.5 V, 3 V,
voltage and low quiescent current allow operation at
3.3 V, 3.45 V, 5 V, and
extremely low power levels. Therefore, the devices
Adjustable (1.2 V to 15 V)
are ideal for powering battery management ICs.
Designed to Support MSP430 Families:
Specifically, because the devices are enabled as
soon as the applied voltage reaches the minimum
1.9-V Version Ensured to be Higher Than
input voltage, the output is quickly available to power
Minimum VIN of 1.8 V
continuously operating battery charging ICs.
2.3-V Version Ensured to Meet 2.2-V Minimum
The usual PNP pass transistor has been replaced by
VIN for Flash on MSP430F2xx
a PMOS pass element. Because the PMOS pass
3.45-V Version Ensured to be Lower Than
element behaves as a low-value resistor, the low
Maximum VIN of 3.6 V
dropout voltage, typically 415 mV at 50 mA of load
Wide Variety of Fixed-Output Voltage Options
current, is directly proportional to the load current.
to Match VIN to the Minimum Required for
The low quiescent current (3.2 µA typically) is stable
over the entire range of output load current (0 mA to
Desired MSP430 Speed
50 mA).
Minimum and Maximum Specified Current Limit
5-Pin SC70 (DCK)
Device Information(1)
–40°C to +125°C Specified Junction
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Temperature Range
TPS715
SC70 (5)
2.00 mm × 1.25 mm
For 80-mA Rated Current and Higher Power
(1) For all available packages, see the orderable addendum at
Package, see TPS715A
the end of the data sheet.
2 Applications
Ultralow Power Microcontrollers
Cellular and Cordless Handsets
Portable and Battery-Powered Equipment
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HPA00328DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00328DCKR TI-HPA00328DCKR Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
More results

Similar Description - HPA00328DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com