Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LH002-33JC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49LH002-33JC
Description  2-megabit Firmware Hub and Low-Pin Count Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LH002-33JC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49LH002-33JC Datasheet HTML 6Page - ATMEL Corporation AT49LH002-33JC Datasheet HTML 7Page - ATMEL Corporation AT49LH002-33JC Datasheet HTML 8Page - ATMEL Corporation AT49LH002-33JC Datasheet HTML 9Page - ATMEL Corporation AT49LH002-33JC Datasheet HTML 10Page - ATMEL Corporation AT49LH002-33JC Datasheet HTML 11Page - ATMEL Corporation AT49LH002-33JC Datasheet HTML 12Page - ATMEL Corporation AT49LH002-33JC Datasheet HTML 13Page - ATMEL Corporation AT49LH002-33JC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
AT49LH002
3377B–FLASH–9/03
FWH Write Cycle
FWH write cycles are used to send commands to the device and to program data into the
memory array.
Valid FWH write cycles begin with a START field of 1110b being sent to the device. Following
the IDSEL, MADDR, and MSIZE fields, the master sends one byte of data to the FWH device
during the next two clock cycles. The data is sent one nibble at a time with the low nibble being
output first followed by the high nibble. After the data has been sent, the master will send a
2-clock TAR field to the FWH device to indicate that it is turning control of the LPC bus back
over to the FWH. After the second clock of the TAR phase, the FWH device assumes control
of the bus and drives a “ready” SYNC field to verify that it has received the data. The FWH
device will then send a 2-clock TAR field to the master to indicate that it is turning control of
the bus back over to the master.
Figure 3. FWH Write Cycle
Note:
1. Field contents are valid on the rising edge of the present clock cycle.
CLK
FWH4/LFRAME
FWH/LAD[3:0]
1110b
IDSEL
A15-A12
A27-A24 A23-A20 A19-A16
A11-A8
A7-A4
A3-A0
0000b
High-Z
0000b
D3-D0
D7-D4
1111b
High-Z
1111b
12
6
3
4
5
7
8
9
10
12
13
14
15
16
17
11
START
IDSEL
MADDR
MSIZE
TAR1
RSYNC
DATA
DATA
TAR0
TAR1
TAR0
Table 5. FWH Write Cycle
Clock Cycle
Field Name
Field Value
(1)
FWH/LAD[3:0]
FWH/LAD[3:0]
Direction
Comments
1
START
1110b
IN
FWH4/LFRAME must be active (low) for the device to respond. Only
the last START field (before FWH4/LFRAME transitioning high) should
be recognized. The START field contents indicate a FWH memory
write cycle.
2
IDSEL
0000b to 1111b
IN
Indicates which FWH memory device should respond. If the IDSEL field
matches the strapping values on ID[3:0], then that particular device will
respond to subsequent commands.
3 - 9
MADDR
YYYY
IN
These seven clock cycles make up the 28-bit memory address. YYYY
is one nibble of the entire address. Addresses are transferred with the
most significant nibble first.
10
MSIZE
0000b
(indicates 1 byte)
IN
The MSIZE field indicates how many bytes will be transferred. The
device only supports single-byte operations, so MSIZE must be 0000b.
11
DATA
YYYY
IN
YYYY is the least significant nibble of the data byte. The data byte is
either any valid Flash command or the data to be programmed into the
memory array.
12
DATA
YYYY
IN
YYYY is the most significant nibble of the data byte.
13
TAR0
1111b
IN then float
In this clock cycle, the master has driven the bus to all 1s and then
floats the bus prior to the next clock cycle. This is the first part of the bus
“turn-around cycle”.
14
TAR1
1111b (float)
Float then OUT
The device takes control of the bus during this clock cycle.
15
RSYNC
0000b (ready)
OUT
During this clock cycle, the device will generate a “ready” SYNC
indicating that the data byte has been received.
16
TAR0
1111b
OUT then float
The FWH memory device drives the bus to 1111b to indicate a turn-
around cycle.
17
TAR1
1111b (float)
Float then IN
The FWH memory device floats its outputs, and the master regains
control of the bus during this clock cycle.


Similar Part No. - AT49LH002-33JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH004-33JC ATMEL-AT49LH004-33JC Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH004-33TC ATMEL-AT49LH004-33TC Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4 ATMEL-AT49LH00B4 Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4-33JC ATMEL-AT49LH00B4-33JC Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
More results

Similar Description - AT49LH002-33JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4 ATMEL-AT49LH00B4 Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
STMicroelectronics
M50FLW080A STMICROELECTRONICS-M50FLW080A Datasheet
534Kb / 64P
   8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
   4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
STMicroelectronics
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
   2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
May 2002
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
ATMEL Corporation
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com