Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV453AX Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # AQV453AX
Description  HE (High-function Economy) Type 1- Channel (Form B) Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV453AX Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AQV453AX Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV453AX Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV453AX Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AQV45r
169
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
For type of connection, see Page 32.
Note: Recommendable LED forward current.
Standard type: IF= 5 mA
Reinforced type: IF= 5 to 10 mA
*Operate/Reverse time
Item
Symbol
Type of
connec-
tion
AQV453(A)
AQV454(A)
AQV454H(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
250 V
400 V
Continuous load current
IL
A
0.2 A
0.15 A
A connection: Peak AC, DC
B,C connection: DC
B
0.3 A
0.18 A
C
0.4 A
0.25 A
Peak load current
IPEAK
0.6 A
0.5 A
A connection: 100 ms (1 shot),
VL = DC
Power dissipation
POUT
360 mW
Total power dissipation
PT
410 mW
I/O isolation voltage
Viso
1,500 V AC
5,000 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low
temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
Item
Symbol
Type of
connec-
tion
AQV453(A)
AQV454(A)
AQV454H(A)
Remarks
Input
LED operate (OFF)
current
Typical
IFoff
1 mA
0.9 mA
1.4 mA
IL = Max.
Maximum
3 mA
LED reverse (ON) current
Minimum
IFon
0.4 mA
IL = Max.
Typical
0.9 mA
0.8 mA
1.3 mA
LED dropout voltage
Typical
VF
1.14 V (1.25V at IF=50 mA)
IF = 5 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
A
5.5
10.5
10.5
IF = 0 mA
IL= Max.
Within 1 s on time
Maximum
8
16
16
Typical
Ron
B
2.7
6.3
6.3
IF = 0 mA
IL= Max.
Within 1 s on time
Maximum
4
8
8
Typical
Ron
C
1.4
3.1
3.1
IF = 0 mA
IL = Max.
Within 1 s on time
Maximum
2
4
4
Off state leakage current
Maximum
ILeak
—1
µA
10
µA
10
µA
IF= 5 mA
VL= Max.
Transfer
characteristics
Switching
speed
Operate
(OFF) time*
Typical
Toff
1.52 ms
1.2 ms
1.8 ms
IF = 0 mA ¨ 5 mA
IL = Max.
Maximum
3 ms
2.0 ms
3.0 ms
Reverse
(ON) time*
Typical
Ton
0.4 ms
0.36 ms
0.4 ms
IF = 5 mA ¨ 0 mA
IL = Max.
Maximum
1 ms
1.0 ms
1.0 ms
I/O capacitance
Typical
Ciso
1.3 pF
f = 1 MHz
VB = 0
Maximum
3 pF
Initial I/O isolation
resistance
Minimum
Riso
1,000 M
500 V DC
Toff
Input
Output
10%
90%
Ton
s For Dimensions, see Page 27.
s For Schematic and Wiring Diagrams, see Page 32.
s For Cautions for Use, see Page 36.


Similar Part No. - AQV453AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV45 PANASONIC-AQV45 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV45 PANASONIC-AQV45 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQV45 ETC2-AQV45 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV45 ETC2-AQV45 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV45 ETC2-AQV45 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQV453AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
   HF (High Function) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQZ404 ETC-AQZ404 Datasheet
73Kb / 4P
   POWER PhotoMOS RELAYS 1-channel(Form B)Type
logo
Panasonic Semiconductor
AQW414EH PANASONIC-AQW414EH Datasheet
75Kb / 3P
   General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
logo
Nais(Matsushita Electri...
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com