Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT84AD004 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT84AD004
Description  DUAL 8 BIT 500 MSPS ADC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84AD004 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT84AD004 Datasheet HTML 1Page - ATMEL Corporation AT84AD004 Datasheet HTML 2Page - ATMEL Corporation AT84AD004 Datasheet HTML 3Page - ATMEL Corporation AT84AD004 Datasheet HTML 4Page - ATMEL Corporation AT84AD004 Datasheet HTML 5Page - ATMEL Corporation AT84AD004 Datasheet HTML 6Page - ATMEL Corporation AT84AD004 Datasheet HTML 7Page - ATMEL Corporation AT84AD004 Datasheet HTML 8Page - ATMEL Corporation AT84AD004 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2
AT84AD004
5390A–BDC–06/04
Description
The AT84AD004 is a monolithic dual 8-bit analog-to-digital converter, offering low 1.4W
power consumption and excellent digitizing accuracy. It integrates dual on-chip
track/holds that provide an enhanced dynamic performance with a sampling rate of up to
500 Msps and an input frequency bandwidth of 1 GHz. The dual concept, the integrated
demultiplexer and the easy interleaving mode make this device user-friendly for all dual
channel applications, such as direct RF conversion or data acquisition. The smart func-
tion of the 3-wire serial interface eliminates the need for external components, which are
usually necessary for gain and offset tuning and setting of other parameters, leading to
space and power reduction as well as system flexibility.
Functional Description
The AT84AD004 is a dual 8-bit 500 Msps ADC based on advanced high-speed
BiCMOS technology.
Each ADC includes a front-end analog multiplexer followed by a Sample and Hold (S/H),
and an 8-bit flash-like architecture core analog-to-digital converter. The output data is
followed by a switchable 1:1 or 1:2 demultiplexer and LVDS output buffers (100
Ω).
Two over-range bits are provided for adjustment of the external gain control on each
channel.
A 3-wire serial interface (3-bit address and 16-bit data) is included to provide several
adjustments:
Analog input range adjustment (±1.5 dB) with 8-bit data control using a 3-wire bus
interface (steps of 0.18 dB)
Analog input switch: both ADCs can convert the same analog input signal I or Q
Gray or binary encoder output. Output format: DMUX 1:1 or 1:2 with control of the
output frequency on the data ready output signal
Partial or full standby on channel I or channel Q
Clock selection:
Two independent clocks: CLKI and CLKQ
One master clock (CLKI) with the same phase for channel I and channel Q
One master clock but with two phases (CLKI for channel I and CLKIB for
channel Q)
ISA: Internal Settling Adjustment on channel I and channel Q
FiSDA: Fine Sampling Delay Adjustment on channel Q
Adjustable Data Ready Output Delay on both channels
Test mode: decimation mode (by 16), Built-in Test
A calibration phase is provided to set the two DC offsets of channel I and channel Q
close to code 127.5 and calibrate the two gains to achieve a maximum difference of
0.5 LSB. The offset and gain error can also be set externally via the 3-wire serial
interface.
The AT84AD004 operates in fully differential mode from the analog inputs up to the dig-
ital outputs. The AT84AD004 features a full-power input bandwidth of 1 GHz.


Similar Part No. - AT84AD004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
AT84AD001BCTD ATMEL-AT84AD001BCTD Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
AT84AD001BITD ATMEL-AT84AD001BITD Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001C ETC-AT84AD001C Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results

Similar Description - AT84AD004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
   Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
Analog Devices
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
[Old version datasheet]   14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com