Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT84AD004TD Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT84AD004TD
Description  DUAL 8 BIT 500 MSPS ADC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84AD004TD Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT84AD004TD Datasheet HTML 2Page - ATMEL Corporation AT84AD004TD Datasheet HTML 3Page - ATMEL Corporation AT84AD004TD Datasheet HTML 4Page - ATMEL Corporation AT84AD004TD Datasheet HTML 5Page - ATMEL Corporation AT84AD004TD Datasheet HTML 6Page - ATMEL Corporation AT84AD004TD Datasheet HTML 7Page - ATMEL Corporation AT84AD004TD Datasheet HTML 8Page - ATMEL Corporation AT84AD004TD Datasheet HTML 9Page - ATMEL Corporation AT84AD004TD Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
6
AT84AD004
5390A–BDC–06/04
Electrical Operating Characteristics
Unless otherwise specified:
•V
CCA = 3.3V; VCCD = 3.3V; VCCO = 2.25V
•V
INI - VINB or VINQ - VINQB = 500 mVpp full-scale differential input
LVDS digital outputs (100
Ω)
•T
A (typical) = 25° C
Full temperature range: 0
° C < T
A < 70° C (commercial grade) or -40° C < TA < 85° C
(industrial grade)
Recommended Conditions of Use
Parameter
Symbol
Comments
Recommended Value
Unit
Analog supply voltage
V
CCA
3.3
V
Digital supply voltage
VCCD
3.3
V
Output supply voltage
V
CCO
2.25
V
Differential analog input voltage (full-scale)
VINi -VIniB or
VINQ -VINQB
500
mVpp
Differential clock input level
Vinclk
600
mVpp
Internal Settling Adjustment (ISA) with a 3-wire
serial interface for channel I and channel Q
ISA
-50
ps
Operating temperature range
TAmbient
Commercial grade
Industrial grade
0 < TA < 70
-40 < T
A < 85
°C
Table 1. Electrical Operating Characteristics in Nominal Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Resolution
8Bits
Power Requirements
Positive supply voltage
- Analog
- Digital
Output digital (LVDS) and serial interface
V
CCA
V
CCD
V
CCO
3.15
3.15
2.0
3.3
3.3
2.25
3.45
3.45
2.5
V
V
V
Supply current (typical conditions)
- Analog
- Digital
- Output
I
CCA
ICCD
I
CCO
150
230
100
180
275
120
mA
mA
mA
Supply current (1:2 DMUX mode)
- Analog
- Digital
- Output
ICCA
ICCD
I
CCO
150
260
175
180
310
210
mA
mA


Similar Part No. - AT84AD004TD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
AT84AD001BCTD ATMEL-AT84AD001BCTD Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
AT84AD001BITD ATMEL-AT84AD001BITD Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001C ETC-AT84AD001C Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results

Similar Description - AT84AD004TD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
   Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
Analog Devices
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
[Old version datasheet]   14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com