Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3808
Description  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3808_17 Datasheet HTML 1Page - Texas Instruments TPS3808_17 Datasheet HTML 2Page - Texas Instruments TPS3808_17 Datasheet HTML 3Page - Texas Instruments TPS3808_17 Datasheet HTML 4Page - Texas Instruments TPS3808_17 Datasheet HTML 5Page - Texas Instruments TPS3808_17 Datasheet HTML 6Page - Texas Instruments TPS3808_17 Datasheet HTML 7Page - Texas Instruments TPS3808_17 Datasheet HTML 8Page - Texas Instruments TPS3808_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
TPS3808
www.ti.com
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
Product Folder Links: TPS3808
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
5 Device Voltage Thresholds
The following table shows the nominal rail to be monitored and the corresponding threshold voltage of the
device.
(1)
Custom threshold voltages from 0.82 V to 3.3 V, 4.4 V to 5 V are available through the use of factory
EEPROM programming. Minimum order quantities apply. Contact the factory for details and
availability.
PART NUMBER
NOMINAL SUPPLY VOLTAGE(1)
THRESHOLD VOLTAGE (VIT)
TPS3808G01
Adjustable
0.405 V
TPS3808G09
0.9 V
0.84 V
TPS3808G12
1.2 V
1.12 V
TPS3808G125
1.25 V
1.16 V
TPS3808G15
1.5 V
1.40 V
TPS3808G18
1.8 V
1.67 V
TPS3808G19
1.9 V
1.77 V
TPS3808G25
2.5 V
2.33 V
TPS3808G30
3 V
2.79 V
TPS3808G33
3.3 V
3.07 V
TPS3808G50
5 V
4.65 V


Similar Part No. - TPS3808_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G12 TI-TPS3808G12 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G12 TI-TPS3808G12 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G12 TI-TPS3808G12 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G12 TI-TPS3808G12 Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G12 TI-TPS3808G12 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com