Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808G125 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3808G125
Description  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G125 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3808G125 Datasheet HTML 1Page - Texas Instruments TPS3808G125 Datasheet HTML 2Page - Texas Instruments TPS3808G125 Datasheet HTML 3Page - Texas Instruments TPS3808G125 Datasheet HTML 4Page - Texas Instruments TPS3808G125 Datasheet HTML 5Page - Texas Instruments TPS3808G125 Datasheet HTML 6Page - Texas Instruments TPS3808G125 Datasheet HTML 7Page - Texas Instruments TPS3808G125 Datasheet HTML 8Page - Texas Instruments TPS3808G125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6
5
4
1
2
3
RESET
GND
MR
C
T
SENSE
V
DD
THERMAL
PAD
1
2
3
6
5
4
RESET
GND
MR
C
T
SENSE
V
DD
4
TPS3808
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Product Folder Links: TPS3808
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
6 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
DRV Package
6-Pin (2.00 mm × 2.00 mm) WSON With Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
WSON
CT
4
3
I
Reset period programming pin. Connecting this pin to VDD through a 40-kΩ to 200-kΩ
resistor or leaving it open results in fixed delay times (see Electrical Characteristics).
Connecting this pin to a ground referenced capacitor
≥ 100 pF gives a user-programmable
delay time. See the Selecting the RESET Delay Time section for more information.
GND
2
5
Ground
MR
3
4
I
Driving the manual reset pin (MR) low asserts RESET. MR is internally tied to VDD by a 90-
k
Ω pull-up resistor.
RESET
1
6
O
RESET is an open-drain output that is driven to a low-impedance state when RESET is
asserted (either the SENSE input is lower than the threshold voltage (VIT) or the MR pin is
set to a logic low). RESET remains low (asserted) for the reset period after both SENSE is
above VIT and MR is set to a logic high. A pull-up resistor from 10 kΩ to 1 MΩ should be
used on this pin, and allows the reset pin to attain voltages higher than VDD.
SENSE
5
2
I
This pin is connected to the voltage to be monitored. If the voltage at this terminal drops
below the threshold voltage VIT, then RESET is asserted.
VDD
6
1
I
Supply voltage. It is good analog design practice to place a 0.1-μF ceramic capacitor close
to this pin.
Thermal
Pad
Pad
Thermal Pad. Connect to ground plane to enhance thermal performance of package.


Similar Part No. - TPS3808G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com