Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5430 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS5430
Description  3-A, Wide Input Range, Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5430_17 Datasheet HTML 7Page - Texas Instruments TPS5430_17 Datasheet HTML 8Page - Texas Instruments TPS5430_17 Datasheet HTML 9Page - Texas Instruments TPS5430_17 Datasheet HTML 10Page - Texas Instruments TPS5430_17 Datasheet HTML 11Page - Texas Instruments TPS5430_17 Datasheet HTML 12Page - Texas Instruments TPS5430_17 Datasheet HTML 13Page - Texas Instruments TPS5430_17 Datasheet HTML 14Page - Texas Instruments TPS5430_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Feed Forward Gain +
VIN
Ramp
pk*pk
11
TPS5430, TPS5431
www.ti.com
SLVS632I – JANUARY 2006 – REVISED APRIL 2017
Product Folder Links: TPS5430 TPS5431
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Oscillator Frequency
The internal free running oscillator sets the PWM switching frequency at 500 kHz. The 500 kHz switching
frequency allows less output inductance for the same output ripple requirement resulting in a smaller output
inductor.
7.3.2 Voltage Reference
The voltage reference system produces a precision reference signal by scaling the output of a temperature
stable bandgap circuit. The bandgap and scaling circuits are trimmed during production testing to an output of
1.221 V at room temperature.
7.3.3 Enable (ENA) and Internal Slow Start
The ENA pin provides electrical on/off control of the regulator. Once the ENA pin voltage exceeds the threshold
voltage, the regulator starts operation and the internal slow start begins to ramp. If the ENA pin voltage is pulled
below the threshold voltage, the regulator stops switching and the internal slow start resets. Connecting the pin
to ground or to any voltage less than 0.5 V will disable the regulator and activate the shutdown mode. The
quiescent current of the TPS543x in shutdown mode is typically 18 μA.
The ENA pin has an internal pull-up current source, allowing the user to float the ENA pin. If an application
requires controlling the ENA pin, use open drain or open collector output logic to interface with the pin. To limit
the start-up inrush current, an internal slow-start circuit is used to ramp up the reference voltage from 0 V to its
final value, linearly. The internal slow start time is 8 ms typically.
7.3.4 Undervoltage Lockout (UVLO)
The TPS543x incorporate an undervoltage lockout circuit to keep the device disabled when VIN (the input
voltage) is below the UVLO start voltage threshold. During power up, internal circuits are held inactive and the
internal slow start is grounded until VIN exceeds the UVLO start threshold voltage. Once the UVLO start
threshold voltage is reached, the internal slow start is released and device start-up begins. The device operates
until VIN falls below the UVLO stop threshold voltage. The typical hysteresis in the UVLO comparator is 330 mV.
7.3.5 Boost Capacitor (BOOT)
Connect a 0.01 μF low-ESR ceramic capacitor between the BOOT pin and PH pin. This capacitor provides the
gate drive voltage for the high-side MOSFET. X7R or X5R grade dielectrics are recommended due to their stable
values over temperature.
7.3.6 Output Feedback (VSENSE) and Internal Compensation
The output voltage of the regulator is set by feeding back the center point voltage of an external resistor divider
network to the VSENSE pin. In steady-state operation, the VSENSE pin voltage should be equal to the voltage
reference 1.221 V.
The TPS543x implements internal compensation to simplify the regulator design. Since the TPS543x uses
voltage mode control, a type 3 compensation network has been designed on chip to provide a high crossover
frequency and a high phase margin for good stability. See the Internal Compensation Network in the applications
section for more details.
7.3.7 Voltage Feed-Forward
The internal voltage feed-forward provides a constant dc power stage gain despite any variations with the input
voltage. This greatly simplifies the stability analysis and improves the transient response. Voltage feed forward
varies the peak ramp voltage inversely with the input voltage so that the modulator and power stage gain are
constant at the feed forward gain, i.e.
(1)
The typical feed forward gain of TPS543x is 25.


Similar Part No. - TPS5430_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS5430_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com