Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5410DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5410DR
Description  1-A, Wide Input Range, Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5410DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5410DR Datasheet HTML 7Page - Texas Instruments TPS5410DR Datasheet HTML 8Page - Texas Instruments TPS5410DR Datasheet HTML 9Page - Texas Instruments TPS5410DR Datasheet HTML 10Page - Texas Instruments TPS5410DR Datasheet HTML 11Page - Texas Instruments TPS5410DR Datasheet HTML 12Page - Texas Instruments TPS5410DR Datasheet HTML 13Page - Texas Instruments TPS5410DR Datasheet HTML 14Page - Texas Instruments TPS5410DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
GND
VSNS
VIN
NC
NC
ENA
BOOT
PH
VIN
U1
TPS5410D
12V
14.5V
36V
-
C1
4.7 F
m
C3
47 F
(SeeNote A)
m
C2
0.01 F
m
L1
68 H
m
R2
1.13kW
D1
B340A
7
1
5
8
2
4
3
6
VOUT
ENA
+
R1
10kW
TPS5410
www.ti.com
SLVS675D – AUGUST 2006 – REVISED DECEMBER 2014
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS5410 is a 1-A, step down regulator with an integrated high-side MOSFET. This device is typically used
to convert a higher DC voltage to a lower DC voltage with a maximum available output current of 1 A. Example
applications are: High Density Point-of-Load Regulators for Set-top Box, DVD, LCD and Plasma Displays, High
Power LED Supply, Car Audio, Battery Chargers, and other 12-V and 24-V Distributed Power Systems. Use the
following design procedure to select component values for the TPS5410. This procedure illustrates the design of
a high frequency switching regulator. Alternatively, use the WEBENCH software to generate a complete design.
The WEBENCH software uses an iterative design procedure and accesses a comprehensive database of
components when generating a design.
8.2 Typical Applications
8.2.1 Application Circuit
Figure 9 shows the schematic for a typical TPS5410 application. The TPS5410 can provide up to 1-A output
current at a nominal output voltage of 12 V.
A.
C3 = Tantalum AVX TPSE476M020R0150
Figure 9. Application Circuit, 14.5-V — 36 V to 12-V
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS5410


Similar Part No. - TPS5410DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410DR TI-TPS5410DR Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410DRG4 TI-TPS5410DRG4 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results

Similar Description - TPS5410DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS5410 1-A, Wide Input Range, Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com