Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54528DDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54528DDAR
Description  4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54528DDAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54528DDAR Datasheet HTML 1Page - Texas Instruments TPS54528DDAR Datasheet HTML 2Page - Texas Instruments TPS54528DDAR Datasheet HTML 3Page - Texas Instruments TPS54528DDAR Datasheet HTML 4Page - Texas Instruments TPS54528DDAR Datasheet HTML 5Page - Texas Instruments TPS54528DDAR Datasheet HTML 6Page - Texas Instruments TPS54528DDAR Datasheet HTML 7Page - Texas Instruments TPS54528DDAR Datasheet HTML 8Page - Texas Instruments TPS54528DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS54528
www.ti.com
SLVSAY4C – JULY 2011 – REVISED MARCH 2014
7.4 Thermal Information
TPS54528
THERMAL METRIC(1)
UNIT
DDA (8)
θJA
Junction-to-ambient thermal resistance
43.5
θJCtop
Junction-to-case (top) thermal resistance
49.4
θJB
Junction-to-board thermal resistance
25.6
°C/W
ψJT
Junction-to-top characterization parameter
7.4
ψJB
Junction-to-board characterization parameter
25.5
θJCbot
Junction-to-case (bottom) thermal resistance
5.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, EN = 5 V,
IVIN
Operating - non-switching supply current
900
1200
μA
VFB = 0.8 V
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.6
10
μA
LOGIC THRESHOLD
EN high-level input voltage
EN
1.6
V
VEN
EN low-level input voltage
EN
0.6
V
VFB VOLTAGE AND DISCHARGE RESISTANCE
TA = 25°C, VO = 1.05 V, IO = 10 mA, Eco-
771
mV
mode™ operation
TA = 25°C, VO = 1.05 V, continuous mode
VFBTH
VFB threshold voltage
757
765
773
mV
operation
TA = -40 to 85°C, VO = 1.05 V, continuous
751
765
779
mV
mode operation(1)
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±0.15
μA
VREG5 OUTPUT
TA = 25°C, 6.0 V < VIN < 18 V,
VVREG5
VREG5 output voltage
5.2
5.5
5.7
V
0 < IVREG5 < 5 mA
VLN5
Line regulation
6 V < VIN < 18 V, IVREG5 = 5 mA
25
mV
VLD5
Load regulation
0 mA < IVREG5 < 5 mA
100
mV
IVREG5
Output current
VIN = 6 V, VREG5 = 4.0 V, TA = 25°C
60
mA
MOSFET
High side switch resistance
25°C, VBST - SW = 5.5 V
65
m
RDS(on)
Low side switch resistance
25°C
36
m
CURRENT LIMIT
Iocl
Current limit
L out = 1.5
μH(1)
5.6
6.4
7.9
A
THERMAL SHUTDOWN
Shutdown temperature (1)
165
TSDN
Thermal shutdown threshold
°C
Hysteresis (1)
35
(1)
Not production tested.
Copyright © 2011–2014, Texas Instruments Incorporated
5
Product Folder Links: TPS54528


Similar Part No. - TPS54528DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54528DDAR TI1-TPS54528DDAR Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
More results

Similar Description - TPS54528DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com