Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54617RUVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54617RUVR
Description  3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54617RUVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54617RUVR Datasheet HTML 1Page - Texas Instruments TPS54617RUVR Datasheet HTML 2Page - Texas Instruments TPS54617RUVR Datasheet HTML 3Page - Texas Instruments TPS54617RUVR Datasheet HTML 4Page - Texas Instruments TPS54617RUVR Datasheet HTML 5Page - Texas Instruments TPS54617RUVR Datasheet HTML 6Page - Texas Instruments TPS54617RUVR Datasheet HTML 7Page - Texas Instruments TPS54617RUVR Datasheet HTML 8Page - Texas Instruments TPS54617RUVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS54617
SLVS880A – NOVEMBER 2008 – REVISED JANUARY 2009 ........................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TJ
OUTPUT VOLTAGE
PACKAGE
PART NUMBER
–40°C to 125°C
Adjustable down to 0.9 V
QFN (RUV)(2)
TPS54617RUV
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The RUV package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54617RUVR). See the application
section of this data sheet for PowerPAD drawing and layout information.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
SS/ENA, SYNC
–0.3 V to 7 V
RT
–0.3 V to 6 V
VI
Input voltage range
VSENSE
–0.3 V to 4 V
VIN
–0.3 V to 7 V
BOOT
–0.3 V to 17 V
VBIAS, PWRGD, COMP
–0.6 V to 7 V
VO
Output voltage range
PH
–0.6 V to 10 V
PH (transient < 10 nsec)
-2.0 V
PH
Internally Limited
IO
Source current
COMP, VBIAS
6 mA
PH
12 A
IS
Sink current
COMP
6 mA
SS/ENA, PWRGD
10 mA
Voltage differential
AGND to PGND
±0.3 V
TJ
Operating virtual junction temperature range
–40°C to 125°C
Tstg
Storage temperature
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VI
Input voltage range
3
6
V
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54617


Similar Part No. - TPS54617RUVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54617RUVR TI-TPS54617RUVR Datasheet
584Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Similar Description - TPS54617RUVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54617 TI-TPS54617_15 Datasheet
794Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54617 TI-TPS54617 Datasheet
584Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPG4 TI-TPS54610PWPG4 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com